Electronic Components Datasheet Search
  English  ▼

X  

CL-GD6420 Datasheet(PDF) 92 Page - Cirrus Logic

Part # CL-GD6420
Description  High-Resolution LCD VGA Controller for Notebook Computers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-GD6420 Datasheet(HTML) 92 Page - Cirrus Logic

Back Button CL-GD6420 Datasheet HTML 88Page - Cirrus Logic CL-GD6420 Datasheet HTML 89Page - Cirrus Logic CL-GD6420 Datasheet HTML 90Page - Cirrus Logic CL-GD6420 Datasheet HTML 91Page - Cirrus Logic CL-GD6420 Datasheet HTML 92Page - Cirrus Logic CL-GD6420 Datasheet HTML 93Page - Cirrus Logic CL-GD6420 Datasheet HTML 94Page - Cirrus Logic CL-GD6420 Datasheet HTML 95Page - Cirrus Logic CL-GD6420 Datasheet HTML 96Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 146 page
background image
CL-GD6420
Notebook VGA Controller
92
July 1993
DATA BOOK
7.3.28 CRTC Spare Extension Register: ER87 (Rev. B Only)
I/O Port Address: 3CF
Index: 87
Bit
Description
Access
Reset State
7(MSB)
Invert VDE* on Pin 99
R/W
0
6
Reserved
0
5
Reserved
0
4
VDE* / LFS Configuration on Pin 99
R/W
0
3
Reserved
0
2
Reserved
0
1
Reserved
0
0(LSB)
Reserved
0
This register is used for pin configuration in the CL-GD6420-B only.
Bit
Description
Bits 7:5
Invert VDE on Pin 99: This bit controls the polarity of Pin 99 when the pin is con-
figured as VDE* according to Bit 4 of this register. If this bit is set to ‘1’, VDE is
active-high. If this bit is set to ‘0’, VDE is active-low true.
Bit 4
VDE* / LFS Configuration of Pin 99: This bit controls the function of Pin 99. If this
bit is set to a ‘1’, Pin 99 is defined as VDE*. If this bit is set to ‘0’, then Pin 99 is
defined as LFS.
Bits 3:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com