Electronic Components Datasheet Search
  English  ▼

X  

CL-GD6420 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CL-GD6420
Description  High-Resolution LCD VGA Controller for Notebook Computers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-GD6420 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CL-GD6420 Datasheet HTML 18Page - Cirrus Logic CL-GD6420 Datasheet HTML 19Page - Cirrus Logic CL-GD6420 Datasheet HTML 20Page - Cirrus Logic CL-GD6420 Datasheet HTML 21Page - Cirrus Logic CL-GD6420 Datasheet HTML 22Page - Cirrus Logic CL-GD6420 Datasheet HTML 23Page - Cirrus Logic CL-GD6420 Datasheet HTML 24Page - Cirrus Logic CL-GD6420 Datasheet HTML 25Page - Cirrus Logic CL-GD6420 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 146 page
background image
CL-GD6420
Notebook VGA Controller
22
July 1993
DATA BOOK
4.2
CL-GD6420 Extension Register Table (cont.)
Abbr.
Extension Register
Bits
Read/
Reg/
Port
Write
Index
Addr.
–
Reserved
–
–
93-94
3CF
DELTA
CRT Circular Buffer Delta and Burst
[7:0]
R/W
95
3CF
VMCTST
VMC Test Register
[7:0]
R/W
96
3CF
MONSW
Monitor Switch Read-back
[7:4]
R/W
97
3CF
PANCF
Panel Type Configuration Bits
[7:0]
R/W
98
3CF
PUDCF
Pullup/Down Configuration Bits
[7,4,3,0]
R
99
3CF
VMCF
Video Memory Configuration Bits
[7:6, 4:3]
R/W
9A
3CF
MMCF
Misc. Pin Configuration Bits
[6:3, 1:0]
R/W
8B
3CF
MONID
PS/2 Monitor ID Read-back
[7:5]
R/W
9C
3CF
–
Reserved
–
–
9D-9F
3CF
BIUC
BIU Control
[7,4,3,0]
R/W
A0
3CF
TTC
Tristate and Test Control
[7:6, 3:0]
R/W
A1
3CF
BIOSPG
BIOS Page Selection
[2:0]
R/W
A2
3CF
–
Reserved
–
–
A3-A5
3CF
WAIT
Wait State Control
[7, 5:0]
R/W
A6
3CF
GIO
General I/O Register
[7, 3:1]
R/W
A7
3CF
FCER
FC[1:0] Pins Extensions
[3:0]
R/W
A8
3CF
CACHE
BIU Cache Control
[6:0]
R/W
A9
3CF
DREV
Design Revision
[7:0]
R/W
AA
3CF
MREV
Mask Revision
[7:0]
R/W
AB
3CF
–
Reserved
–
–
AC-B9
3CF
SCR5:0
Scratch Registers 5:0
[7:0]
R/W
BA-BF
3CF
ATTC
Attribute Control
[3:0]
R/W
C0
3CF
CURS
Cursor Attributes
[5, 3:0]
R/W
C1
3CF
GRL0:3
Graphics Controller Memory Latches
[7:0]
R/W
C2-C5
3CF
–
Reserved
–
–
C6-C7
3CF
DACPW
DAC Power Control Register
[7:0]
R/W
C8
3CF
GATST
Graphics and Attribute Test Register
[4, 2:0]
R/W
C9
3CF
–
Reserved
–
–
CA-CF
3CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com