Electronic Components Datasheet Search
  English  ▼

X  

CL-GD6420 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CL-GD6420
Description  High-Resolution LCD VGA Controller for Notebook Computers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-GD6420 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CL-GD6420 Datasheet HTML 3Page - Cirrus Logic CL-GD6420 Datasheet HTML 4Page - Cirrus Logic CL-GD6420 Datasheet HTML 5Page - Cirrus Logic CL-GD6420 Datasheet HTML 6Page - Cirrus Logic CL-GD6420 Datasheet HTML 7Page - Cirrus Logic CL-GD6420 Datasheet HTML 8Page - Cirrus Logic CL-GD6420 Datasheet HTML 9Page - Cirrus Logic CL-GD6420 Datasheet HTML 10Page - Cirrus Logic CL-GD6420 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 146 page
background image
CL-GD6420
Notebook VGA Controller
July 1993
7
DATA BOOK
2.
Detailed Pin Description (cont.)
Name
Pin No.
Type
Description
CLKPW*
140
O
CLOCK CHIP POWER CONTROL: Active low, can be
used to control external transistor logic connected to clock
synthesizer power pins. This signal is active in Suspend
Mode.
RAS*[1:0]
142:141
O
VIDEO MEMORY RAS*: RAS*[0] to AA Bus, RAS*[1] to AB
CAS*[1:0]
144:143
Bus.
CAS*[1:0]
143:144
O
VIDEO MEMORY CAS*: CAS*[0] to AA Bus, CAS[*1] to AB
Bus.
M0D[7]/MID[2]
119
I/O
VIDEO MEMORY DATA PIN: Planes 0 and 1, Bit 7.
MONITOR ID BIT 2. The state of this pin is sampled at reset
and latched into ER9C[7].
M0D[6]/MID[1]
120
I/O
VIDEO MEMORY DATA PIN: Planes 0 and 1, Bit 6.
MONITOR ID BIT 1. The state of this pin is sampled at reset
and latched into ER9C[6].
M0D[5]/MID[0]
121
I/O
VIDEO MEMORY DATA PIN: Planes 0 and 1, Bit 5.
MONITOR ID BIT 0. The state of this pin is sampled at reset
and latched into ER9C[5].
M0D[4:0]
126:122
I/O
VIDEO MEMORY DATA PINS: Planes 0 and 1, Bits 4:0.
M2D[7]/PD7
3
I/O
VIDEO MEMORY DATA PINS: Planes 2 and 3, Bit 7.
PULL DOWN # 7: The state of this pin is sampled at reset
and latched into ER99[7].
M2D[6:0]
2, 1,
I/O
VIDEO MEMORY DATA PINS: Planes 2 and 3, Bits 6:0.
160:156
FRWE*
118
O
FRAME-ACCELERATOR WRITE ENABLE*.
FRCAS *
117
O
FRAME-ACCELERATOR CAS*.
FRRAS*
116
O
FRAME-ACCELERATOR RAS*.
FROE*
115
O
FRAME-ACCELERATOR OE*.
FRAD3/SW1
114
I/O
FRAME-ACCELERATOR MULTIPLEXED ADDRESS/DA-
TA[3] multiplexed with Switch 1.
FRAD2/SW2
113
I/O
FRAME-ACCELERATOR MULTIPLEXED ADDRESS/DA-
TA[2] multiplexed with Switch 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com