Electronic Components Datasheet Search
  English  ▼

X  

TA131 Datasheet(PDF) 15 Page - Pico Technology Ltd.

Part # TA131
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA131 Datasheet(HTML) 15 Page - Pico Technology Ltd.

Back Button TA131 Datasheet HTML 11Page - Pico Technology Ltd. TA131 Datasheet HTML 12Page - Pico Technology Ltd. TA131 Datasheet HTML 13Page - Pico Technology Ltd. TA131 Datasheet HTML 14Page - Pico Technology Ltd. TA131 Datasheet HTML 15Page - Pico Technology Ltd. TA131 Datasheet HTML 16Page - Pico Technology Ltd. TA131 Datasheet HTML 17Page - Pico Technology Ltd. TA131 Datasheet HTML 18Page - Pico Technology Ltd. TA131 Datasheet HTML 19Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
PicoScope 3000 Series
Application examples
Testing on the move
The PicoScope 3000 Series oscilloscopes slip easily into a laptop bag, so you don’t need to carry bulky benchtop instruments to perform
on-site troubleshooting. Being powered via a USB connection, your PicoScope can simply be plugged into your laptop and used for
measuring wherever you are. The PC connection also makes saving and sharing your data quick and easy: in a matter of seconds you can
save your scope traces to review later, or attach the complete data file to an email for analysis by other engineers away from the test site.
As PicoScope 6 is free to download by anyone, colleagues can use the full capabilities of the software, such as serial decoding and spectrum
analysis, without needing an oscilloscope themselves.
Embedded debugging
You can test and debug a complete signal-processing chain using a PicoScope 3406D MSO.
Use the built-in arbitrary waveform generator (AWG) to inject single-shot or continuous analog signals. The response of your system can
then be observed in both the analog domain, using the four 200 MHz input channels, and in the digital domain with 16 digital inputs at up to
100 MHz. Follow the analog signal through the system while simultaneously using the built-in serial decoding function to view the output of
an I2C or SPI ADC.
If your system drives a DAC in response to the analog input changing, you can decode the I2C or SPI communication to that as well as its
analog output. This can all be performed simultaneously using the 16 digital and 4 analog channels.
Using the deep 512 MS buffer memory, you can capture the complete response of your system without sacrificing the sampling rate, and
zoom in on the captured data to find glitches and other points of interest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com