| Electronic Components Datasheet Search |
|
TA131 Datasheet(PDF) 22 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
TA131 Datasheet(HTML) 22 Page - Pico Technology Ltd. |
|
22 / 26 page ![]() PicoScope 3203D and 3203D MSO PicoScope 3403D and 3403D MSO PicoScope 3204D and 3204D MSO PicoScope 3404D and 3404D MSO PicoScope 3205D and 3205D MSO PicoScope 3405D and 3405D MSO PicoScope 3206D and 3206D MSO PicoScope 3406D and 3406D MSO Spectrum analyzer Frequency range DC to maximum bandwidth of scope Display modes Magnitude, average, peak hold Y axis Logarithmic (dbV, dBu, dBm, arbitrary dB) or linear (volts) X axis Linear or logarithmic Windowing functions Rectangular, Gaussian, triangular, Blackman, Blackman-Harris, Hamming, Hann, flat-top Number of FFT points Selectable from 128 to 1 million in powers of 2 Math channels Functions −x, x+y, x−y, x*y, x/y, x^y, sqrt, exp, ln, log, abs, norm, sign, sin, cos, tan, arcsin, arccos, arctan, sinh, cosh, tanh, freq, derivative, integral, min, max, average, peak, delay, highpass, lowpass, bandpass, bandstop Operands All analog and digital input channels, reference waveforms, time, constants, π Automatic measurements (analog channels only) Oscilloscope mode AC RMS, true RMS, cycle time, DC average, duty cycle, falling rate, fall time, frequency, high pulse width, low pulse width, maximum, minimum, peak to peak, rise time, rising rate. Spectrum mode Frequency at peak, amplitude at peak, average amplitude at peak, total power, THD %, THD dB, THD+N, SFDR, SINAD, SNR, IMD Statistics Minimum, maximum, average, standard deviation Serial decoding Protocols 1-Wire, ARINC 429, CAN, DCC, DMX512, Ethernet 10BASE-T & 100BASE-TX, FlexRay, I²C, I²S, LIN, PS/2, SENT Fast & Slow, SPI, UART/RS-232, USB LS & FS Mask limit testing Statistics Pass/fail, failure count, total count Display Interpolation Linear or sin(x)/x Persistence modes Digital color, analog intensity, fast, advanced |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |