Electronic Components Datasheet Search
  English  ▼

X  

TA131 Datasheet(PDF) 23 Page - Pico Technology Ltd.

Part # TA131
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA131 Datasheet(HTML) 23 Page - Pico Technology Ltd.

Back Button TA131 Datasheet HTML 18Page - Pico Technology Ltd. TA131 Datasheet HTML 19Page - Pico Technology Ltd. TA131 Datasheet HTML 20Page - Pico Technology Ltd. TA131 Datasheet HTML 21Page - Pico Technology Ltd. TA131 Datasheet HTML 22Page - Pico Technology Ltd. TA131 Datasheet HTML 23Page - Pico Technology Ltd. TA131 Datasheet HTML 24Page - Pico Technology Ltd. TA131 Datasheet HTML 25Page - Pico Technology Ltd. TA131 Datasheet HTML 26Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
PicoScope
3203D and
3203D MSO
PicoScope
3403D and
3403D MSO
PicoScope
3204D and
3204D MSO
PicoScope
3404D and
3404D MSO
PicoScope
3205D and
3205D MSO
PicoScope
3405D and
3405D MSO
PicoScope
3206D and
3206D MSO
PicoScope
3406D and
3406D MSO
General
PC connectivity
USB 3.0 SuperSpeed (USB 2.0 compatible)
PC connector type
USB 3.0 type B
Power requirements
Powered from a single USB 3.0 port or two USB 2.0 ports (double-headed cable available separately).
4-channel models: AC adaptor included for use with USB ports that supply less than 1200 mA
Dimensions
190 mm x 170 mm x 40 mm including connectors
Weight
< 0.5 kg
Temperature range
Operating: 0 °C to 40 °C (15 °C to 30 °C for stated accuracy).
Storage: –20 °C to 60 °C
Humidity range
Operating: 5% RH to 80% RH non-condensing
Storage: 5% RH to 95% RH non-condensing
Altitude range
Up to 2000 m
Pollution degree
Pollution degree 2
Safety approvals
Designed to EN 61010-1:2010
EMC approvals
Tested to EN 61326-1:2006 and FCC Part 15 Subpart B
Environmental approvals
RoHS and WEEE compliant
Software included
PicoScope 6 for Microsoft Windows 7, Windows 8 (not Windows RT) or Windows 10, 32- or 64- bit
SDKs and example programs (C, Visual Basic, Excel VBA, LabVIEW) for Windows.
Optional free software
PicoScope 6 Beta and SDKs for Linux and Mac OS X.
Output file formats
bmp, csv, gif, jpg, mat, pdf, png, psdata, pssettings, txt
Output functions
copy to clipboard, print
Languages
Chinese (simplified), Czech, Danish, Dutch, English, Finnish, French, German, Greek, Hungarian, Italian,
Japanese, Korean, Norwegian, Polish, Portuguese, Romanian, Russian, Spanish, Swedish, Turkish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com