Electronic Components Datasheet Search
  English  ▼

X  

TA131 Datasheet(PDF) 18 Page - Pico Technology Ltd.

Part # TA131
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA131 Datasheet(HTML) 18 Page - Pico Technology Ltd.

Back Button TA131 Datasheet HTML 14Page - Pico Technology Ltd. TA131 Datasheet HTML 15Page - Pico Technology Ltd. TA131 Datasheet HTML 16Page - Pico Technology Ltd. TA131 Datasheet HTML 17Page - Pico Technology Ltd. TA131 Datasheet HTML 18Page - Pico Technology Ltd. TA131 Datasheet HTML 19Page - Pico Technology Ltd. TA131 Datasheet HTML 20Page - Pico Technology Ltd. TA131 Datasheet HTML 21Page - Pico Technology Ltd. TA131 Datasheet HTML 22Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
PicoScope
3203D and
3203D MSO
PicoScope
3403D and
3403D MSO
PicoScope
3204D and
3204D MSO
PicoScope
3404D and
3404D MSO
PicoScope
3205D and
3205D MSO
PicoScope
3405D and
3405D MSO
PicoScope
3206D and
3206D MSO
PicoScope
3406D and
3406D MSO
Vertical (analog)
Analog input channels
2
4
2
4
2
4
2
4
Input type
Single-ended, BNC connector
Bandwidth (–3 dB)
50 MHz
70 MHz
100 MHz
200 MHz
Rise time (calculated)
7.0 ns
5.0 ns
3.5 ns
1.75 ns
Bandwidth limiter
20 MHz, selectable
Vertical resolution
8 bits
Enhanced vertical resolution
12 bits in PicoScope software
Input ranges
±20 mV to ±20 V full scale in 10 ranges
Input sensitivity
4 mV/div to 4 V/div (10 vertical divisions)
Input coupling
AC / DC
Input characteristics
1 MΩ
∥14pF
DC accuracy
±3 % of full scale ±200 μV
Analog offset range
(vertical position adjust)
±250 mV (20 mV, 50 mV, 100 mV, 200 mV ranges)
±2.5 V (500 mV, 1 V, 2 V ranges)
±20 V (5 V, 10 V, 20 V ranges)
Offset adjust accuracy
±1% of offset setting, additional to DC accuracy
Overvoltage protection
±100 V (DC + AC peak)
Vertical (digital) - D MSO models only
Input channels
16 channels (2 ports of 8 channels each)
Input connectors
2.54 mm pitch, 10 x 2 way connector
Maximum input frequency
100 MHz (200 Mb/s)
Minimum detectable pulse
width
5 ns
Input impedance
200 kΩ ±2%
∥8pF±2pF
Input dynamic range
±20 V
Threshold range
±5 V
Threshold grouping
Two independent threshold controls. Port 0: D0 to D7, Port 1: D8 to D15
Threshold selection
TTL, CMOS, ECL, PECL, user-defined
Threshold accuracy
< ±350 mV including hysteresis
Hysteresis
< ±250 mV
Minimum input voltage swing
500 mV pk-pk
Channel-to-channel skew
2 ns, typical
Minimum input slew rate
10 V/µs
Overvoltage protection
±50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com