Electronic Components Datasheet Search
  English  ▼

X  

TA131 Datasheet(PDF) 26 Page - Pico Technology Ltd.

Part # TA131
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA131 Datasheet(HTML) 26 Page - Pico Technology Ltd.

Back Button TA131 Datasheet HTML 18Page - Pico Technology Ltd. TA131 Datasheet HTML 19Page - Pico Technology Ltd. TA131 Datasheet HTML 20Page - Pico Technology Ltd. TA131 Datasheet HTML 21Page - Pico Technology Ltd. TA131 Datasheet HTML 22Page - Pico Technology Ltd. TA131 Datasheet HTML 23Page - Pico Technology Ltd. TA131 Datasheet HTML 24Page - Pico Technology Ltd. TA131 Datasheet HTML 25Page - Pico Technology Ltd. TA131 Datasheet HTML 26Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
Ordering information
* Prices are correct at the time of publication. Sales taxes not included. Please contact Pico Technology for the latest prices before ordering.
More oscilloscopes in the PicoScope range...
UK headquarters:
Pico Technology
James House
Colmworth Business Park
St. Neots
Cambridgeshire
PE19 8YP
United Kingdom
+44 (0) 1480 396 395
+44 (0) 1480 396 296
 sales@picotech.com
Errors and omissions excepted. Windows is a registered trade mark of Microsoft
Corporation in the United States and other countries. Pico Technology and
PicoScope are internationally registered trade marks of Pico Technology Ltd.
MM054.en-16. Copyright © 2013–2016 Pico Technology Ltd. All rights reserved.
www.picotech.com
US headquarters:
Pico Technology
320 N Glenwood Blvd
Tyler
Texas 75702
United States
+1 800 591 2796
+1 620 272 0981
 sales@picotech.com
PicoScope
2000 Series
Ultra-compact
and handheld
PicoScope
5000 Series
Flexible resolution
8 to 16 bits
PicoScope
6000 Series
High performance
Up to 1 GHz
PicoScope
9000 Series
Sampling scopes
and TDR to 20 GHz
PicoScope
4000 Series
High precision
12 to 16 bits
Order
code
Model number
Description
USD*
EUR*
GBP*
PP958
PicoScope 3203D
50 MHz 2-channel oscilloscope
579
489
379
PP956
PicoScope 3203D MSO
50 MHz 2-channel mixed-signal oscilloscope
819
699
589
PP959
PicoScope 3204D
70 MHz 2-channel oscilloscope
739
629
519
PP931
PicoScope 3204D MSO
70 MHz 2-channel mixed-signal oscilloscope
989
839
699
PP960
PicoScope 3205D
100 MHz 2-channel oscilloscope
989
839
679
PP932
PicoScope 3205D MSO
100 MHz 2-channel mixed-signal oscilloscope
1235
1045
879
PP961
PicoScope 3206D
200 MHz 2-channel oscilloscope
1405
1185
979
PP933
PicoScope 3206D MSO
200 MHz 2-channel mixed-signal oscilloscope
1645
1395
1155
PP962
PicoScope 3403D
50 MHz 4-channel oscilloscope
909
769
599
PP957
PicoScope 3403D MSO
50 MHz 4-channel mixed-signal oscilloscope
1155
979
809
PP963
PicoScope 3404D
70 MHz 4-channel oscilloscope
1155
979
799
PP934
PicoScope 3404D MSO
70 MHz 4-channel mixed-signal oscilloscope
1405
1185
989
PP964
PicoScope 3405D
100 MHz 4-channel oscilloscope
1565
1325
1085
PP935
PicoScope 3405D MSO
100 MHz 4-channel mixed-signal oscilloscope
1805
1535
1275
PP965
PicoScope 3406D
200 MHz 4-channel oscilloscope
2135
1815
1475
PP936
PicoScope 3406D MSO
200 MHz 4-channel mixed-signal oscilloscope
2385
2025
1675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com