Electronic Components Datasheet Search
  English  ▼

X  

TA131 Datasheet(PDF) 25 Page - Pico Technology Ltd.

Part # TA131
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA131 Datasheet(HTML) 25 Page - Pico Technology Ltd.

Back Button TA131 Datasheet HTML 18Page - Pico Technology Ltd. TA131 Datasheet HTML 19Page - Pico Technology Ltd. TA131 Datasheet HTML 20Page - Pico Technology Ltd. TA131 Datasheet HTML 21Page - Pico Technology Ltd. TA131 Datasheet HTML 22Page - Pico Technology Ltd. TA131 Datasheet HTML 23Page - Pico Technology Ltd. TA131 Datasheet HTML 24Page - Pico Technology Ltd. TA131 Datasheet HTML 25Page - Pico Technology Ltd. TA131 Datasheet HTML 26Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
PicoScope 3000 Series
MSO kit contents
PicoScope 3000D MSO kits also contain:
• TA136 digital cable
• TA139 pack of 10 test clips (x2)
Kit contents
All PicoScope 3000 Series oscilloscope kits contain:
• PicoScope 3000 Series oscilloscope
• Switchable x1/x10 probes (2 or 4)
• Quick Start Guide
• Software and reference CD
• USB 3.0 cable
• AC power adaptor (4-channel models only)
Probes
All PicoScope 3000 Series oscilloscopes are supplied with two or four probes (to match the number of analog channels), which are chosen
to obtain the specified system bandwidth. See the table below for more information on which probes are included and how to order
additional probes.
Order code
Description
PicoScope models supplied with
USD*
EUR*
GBP*
MI007
60 MHz x1/x10, 1.2 m probe
50 MHz models
25
21
18
TA132
150 MHz x1/x10, 1.2 m probe
70 MHz and 100 MHz models
33
28
23
TA131
250 MHz x1/x10, 1.2 m probe
200 MHz models
42
35
29
* Prices are correct at the time of publication. Sales taxes not included. Please contact Pico Technology for the latest prices before ordering.
USB connectivity and power
All PicoScope 3000 Series oscilloscopes are supplied with a USB 3.0
cable for SuperSpeed connectivity. A double-headed USB 2.0 cable
is available separately, to provide additional power when using the
oscilloscope with older PCs.
For PicoScope 3000 models with 4 analog channels, the supplied
AC power adaptor may be required if the USB port(s) provide less
than at total of 1200 mA to the instrument.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com