Electronic Components Datasheet Search
  English  ▼

X  

MS6863 Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6863
Description  Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6863 Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6863 Datasheet HTML 6Page - MOSA ELECTRONICS MS6863 Datasheet HTML 7Page - MOSA ELECTRONICS MS6863 Datasheet HTML 8Page - MOSA ELECTRONICS MS6863 Datasheet HTML 9Page - MOSA ELECTRONICS MS6863 Datasheet HTML 10Page - MOSA ELECTRONICS MS6863 Datasheet HTML 11Page - MOSA ELECTRONICS MS6863 Datasheet HTML 12Page - MOSA ELECTRONICS MS6863 Datasheet HTML 13Page - MOSA ELECTRONICS MS6863 Datasheet HTML 14Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MOSA
MS6863
Dual 2W Power Amplifiers with Stereo Headphone
REV 1
10
www.mosanalog.com
APPLICATION INFORMATION
Application example
This example is compatible for LM4863.
V
INA
V
INB
MS6863
R
L
8Ω
100uF
1k
100uF
1k
Headphone Jack
R
L
8Ω
HP-IN
16
18
5
3
15
20
1uF
20k
R
IN
20K
R
F
20K
R
F
6
-INA
-INB
-OUTB
+OUTB
-OUTA
+OUTA
1uF
V
DD
GND
VDD
2,7,19
4,17
1
SD
MCU
0.33uF
13
14
8
+INA
BYPASS
+INB
R
IN
1uF
20k
100k
V
DD
DC Gain = -RF / RIN = -1
Fig.1
A audio amplifier application circuit.
SE mode and BTL mode operation
As shown in block diagram and Fig.1, in the SE mode, the MS6863 operates as high current output dual operational
amplifiers. Amplifiers A1 and B1 are independent amplifiers with an externally configured gain of AV = - RF/RIN. As
amplifiers A2 and B2 are shutdown, then the amplifiers will be a high output impedance state.
In BTL mode, the audio signal from the -INA (-INB) pin is directed to the inverting input of A1(B1). The A2(B2) is
then activated with a closed-loop gain of AV = -1 fixed by two internal resistors. The outputs of A1(B1) and A2(B2) are
then used to drive the bridged-tied load.
HP-IN operation
The ability of the MS6863 is easily switched between dual BTL and stereo SE modes. The mode is switched by the
headphone control pin, HP-IN. A logic-high activates the SE mode when a set of headphone plugged into the system,
on the other hand, a logical-low to HP-IN activates the BTL mode when no headphones.
SHUTDOWN mode
SD places the entire device in shutdown mode when held high.
Thermal pad considerations
The thermal pad must be connected to ground. The package with thermal pad of the MS6863 requires the special
attention on thermal design. The thermal pad on the bottom of the MS6863 should be soldered down to a copper pad on
the circuit board. Heat can be conducted away from the thermal pad through the copper plane to ambient. If the copper
plane is not on the top surface of the circuit board, 9 vias of 13 mil or smaller in diameter should be used to thermally
couple the thermal pad to the bottom plane. For good thermal conduction, the vias must be plated through and solder
filled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com