Electronic Components Datasheet Search
  English  ▼

X  

MS6863 Datasheet(PDF) 4 Page - MOSA ELECTRONICS

Part # MS6863
Description  Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6863 Datasheet(HTML) 4 Page - MOSA ELECTRONICS

  MS6863 Datasheet HTML 1Page - MOSA ELECTRONICS MS6863 Datasheet HTML 2Page - MOSA ELECTRONICS MS6863 Datasheet HTML 3Page - MOSA ELECTRONICS MS6863 Datasheet HTML 4Page - MOSA ELECTRONICS MS6863 Datasheet HTML 5Page - MOSA ELECTRONICS MS6863 Datasheet HTML 6Page - MOSA ELECTRONICS MS6863 Datasheet HTML 7Page - MOSA ELECTRONICS MS6863 Datasheet HTML 8Page - MOSA ELECTRONICS MS6863 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MOSA
MS6863
Dual 2W Power Amplifiers with Stereo Headphone
REV 1
4
www.mosanalog.com
5V ELECTRICAL CHARACTERISTICS
Ta = 25°C, VDD=5V, f=1kHz, BW<30kHz, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BTL Mode, VIN=0V, IO=0A
-
5.9
-
mA
IQ
Quiescent current
SE Mode, VIN=0V, IO=0A
-
3.1
-
mA
ISD
Shutdown current
SD Mode, VSD=VDD
-
0.4
2
uA
VSDH
Shutdown input voltage high
2.0
-
-
V
VSDL
Shutdown input voltage low
-
-
0.8
V
BTL Mode, RL=8Ω
Po=1W
-
95
-
dB
CS
Channel separation
SE Mode, RL=32Ω
Po=60mW
-
90
-
dB
BTL Mode , RL=8Ω
CBP=1uF, f=100Hz
-
63
-
dB
PSRR
Power supply rejection ratio
SE Mode , RL=32Ω
CBP=10uF, f=100Hz
-
55
-
dB
-
-75
-68
dB
THD+N
Total harmonic distortion plus
noise
SE mode, RL=32Ω, 75mW
-
0.018
0.04
%
S/N
Signal-to-noise ratio
SE mode, A-weighting
90
95
-
dB
BTL Mode, RL = 3Ω
THD+N = 1%
-
2.3
-
W
BTL Mode, RL = 4Ω
THD+N = 1%
-
2
-
W
BTL Mode, RL = 8Ω
THD+N = 1%
-
1.3
-
W
SE Mode, RL =8Ω
THD+N = 1%
-
300m
-
W
Po
Output power
SE Mode, RL = 32Ω
THD+N = 1%
-
90m
-
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com