Electronic Components Datasheet Search
  English  ▼

X  

MS6863 Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6863
Description  Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6863 Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6863 Datasheet HTML 1Page - MOSA ELECTRONICS MS6863 Datasheet HTML 2Page - MOSA ELECTRONICS MS6863 Datasheet HTML 3Page - MOSA ELECTRONICS MS6863 Datasheet HTML 4Page - MOSA ELECTRONICS MS6863 Datasheet HTML 5Page - MOSA ELECTRONICS MS6863 Datasheet HTML 6Page - MOSA ELECTRONICS MS6863 Datasheet HTML 7Page - MOSA ELECTRONICS MS6863 Datasheet HTML 8Page - MOSA ELECTRONICS MS6863 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MOSA
MS6863
Dual 2W Power Amplifiers with Stereo Headphone
REV 1
3
www.mosanalog.com
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
20Pin TSSOP (lead free)
MS6863TGTR
MS6863G
2.5Units Tape and Reel
20Pin TSSOP (lead free)
MS6863TGU
MS6863G
75Units Tube
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply voltage
6
V
VESD
Electrostatic handling
2000
V
TSTG
Storage temperature range
-65 to 150
℃
TA
Operating ambient temperature range
-40 to 85
℃
TJ
Maximum junction temperature
150
℃
TS
Soldering temperature, 10 seconds
260
℃
RTHJA
Thermal resistance from junction to ambient in free air
TSSOP20 (enhance thermal pad)
51
℃
/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
2.7
5
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com