Electronic Components Datasheet Search
  English  ▼

X  

MS6863 Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6863
Description  Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6863 Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6863 Datasheet HTML 6Page - MOSA ELECTRONICS MS6863 Datasheet HTML 7Page - MOSA ELECTRONICS MS6863 Datasheet HTML 8Page - MOSA ELECTRONICS MS6863 Datasheet HTML 9Page - MOSA ELECTRONICS MS6863 Datasheet HTML 10Page - MOSA ELECTRONICS MS6863 Datasheet HTML 11Page - MOSA ELECTRONICS MS6863 Datasheet HTML 12Page - MOSA ELECTRONICS MS6863 Datasheet HTML 13Page - MOSA ELECTRONICS MS6863 Datasheet HTML 14Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MOSA
MS6863
Dual 2W Power Amplifiers with Stereo Headphone
REV 1
11
www.mosanalog.com
Pop noise free example
Use extra function of pin7 and control timing.
V
INA
V
INB
MS6863
R
L
8Ω
100uF
1k
100uF
1k
Headphone Jack
R
L
8Ω
HP-IN
16
18
5
3
15
20
1uF
20k
R
IN
20K
R
F
20K
R
F
6
-INA
-INB
-OUTB
+OUTB
-OUTA
+OUTA
1uF
V
DD
GND
VDD
2,19
4,17
1
SD
MCU
4.7uF
13
14
8
+INA
BYPASS
+INB
R
IN
1uF
20k
100k
V
DD
SDPR
7
Fig.2
A pop noise free application circuit.
SDPR (Pin7)
Shutdown
Delay time
0.1s
Fig.3
A control timing for pop noise free
Pop noise free in shutdown control
According to the control timing figure3, it can reduce pop noise efficiently during the shutdown control.
The timing can be applied to BTL and SE mode. The delay time is decided by the value of the bypass capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com