Electronic Components Datasheet Search
  English  ▼

X  

MS6863 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6863
Description  Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6863 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6863 Datasheet HTML 1Page - MOSA ELECTRONICS MS6863 Datasheet HTML 2Page - MOSA ELECTRONICS MS6863 Datasheet HTML 3Page - MOSA ELECTRONICS MS6863 Datasheet HTML 4Page - MOSA ELECTRONICS MS6863 Datasheet HTML 5Page - MOSA ELECTRONICS MS6863 Datasheet HTML 6Page - MOSA ELECTRONICS MS6863 Datasheet HTML 7Page - MOSA ELECTRONICS MS6863 Datasheet HTML 8Page - MOSA ELECTRONICS MS6863 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MOSA
MS6863
Dual 2W Power Amplifiers with Stereo Headphone
REV 1
1
www.mosanalog.com
Dual 2W Power Amplifiers / Stereo Headphone
Low Voltage, Pop Noise Free Function
FEATURES
Operation range: 2.7V~5.5V
Shutdown Current 0.4uA at 5V
Output power, THD+N=1%
BTL, RL=3Ω, 2.3W at 5V
BTL, RL=4Ω, 2W at 5V, 0.8W at 3.3V, 500mW at 2.7V
BTL, RL=8Ω, 1.2W at 5V, 0.5W at 3.3V, 350mW at 2.7V
SE, RL=8Ω, 300mW at 5V,130mW at 3.3V, 85mW at 2.7V
SE, RL=32Ω, 90mW at 5V, 40mW at 3.3V, 25mW at 2.7V
Headphone sense
Unity-gain stable
pop noise free control (extra function for pin7)
Space-saving TSSOP20, enhance thermal pad
APPLICATIONS
Desktop computer’s sound card
Portable audio devices
Portable digital TV
MP3 peripheral
Handheld games
Cross-reference:
LM4863
DESCRIPTION
The MS6863 is a low distortion power amplifier that can drive 2*2W of continuous average power into a dual 4Ω
bridged-tied load (BTL) or 2 * 90mW into stereo 32Ω single ended (SE) loads headphone. It can automatically switch
between dual BTL and stereo SE modes utilizing a headphone sense pin. The BTL configuration eliminates the need
for external coupling capacitors on the output in most applications. The unity gain stable MS6863’s gain is set by
external gain-setting resistors.
The MS6863 has good feature for portable equipment, these features include the low voltage operation, micropower
consumption shutdown mode, enhance thermal pad and small package TSSOP20, make the MS6863 ideally suited for
use in portable audio equipments. The MS6863 has an extra selection for pin7 to achieve pop noise free in shutdown
control.
BLOCK DIAGRAM
SD
A2
-
+
+INA
GND
V
DD
BYPASS
+INB
+OUT A
-OUT B
-OUT A
+OUT B
A1
-
+
B2
-
+
B1
-
+
-INA
-INB
HP-IN
Power
Manage


Similar Part No. - MS6863

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6863 MOSA-MS6863 Datasheet
468Kb / 14P
Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
MS6863TGTR MOSA-MS6863TGTR Datasheet
468Kb / 14P
Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
MS6863TGU MOSA-MS6863TGU Datasheet
468Kb / 14P
Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
MS6863 MOSA-MS6863_1 Datasheet
468Kb / 14P
Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
More results

Similar Description - MS6863

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
Stereo Headphone Amplifiers
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853 Datasheet
747Kb / 12P
Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
logo
STMicroelectronics
TS488 STMICROELECTRONICS-TS488 Datasheet
561Kb / 32P
Pop-free 120mW stereo headphone amplifier
15-Sep-2006
logo
Rohm
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
Stereo Headphone Amplifiers
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
2W 2W Stereo Speaker / Headphone Amplifier
logo
MOSA ELECTRONICS
MS6863 MOSA-MS6863_1 Datasheet
468Kb / 14P
Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
Stereo Headphone Amplifier With Pop Suppression
LM4835 TI1-LM4835 Datasheet
1Mb / 34P
Stereo 2W Audio Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com