Electronic Components Datasheet Search
  English  ▼

X  

MS6863 Datasheet(PDF) 14 Page - MOSA ELECTRONICS

Part # MS6863
Description  Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6863 Datasheet(HTML) 14 Page - MOSA ELECTRONICS

Back Button MS6863 Datasheet HTML 6Page - MOSA ELECTRONICS MS6863 Datasheet HTML 7Page - MOSA ELECTRONICS MS6863 Datasheet HTML 8Page - MOSA ELECTRONICS MS6863 Datasheet HTML 9Page - MOSA ELECTRONICS MS6863 Datasheet HTML 10Page - MOSA ELECTRONICS MS6863 Datasheet HTML 11Page - MOSA ELECTRONICS MS6863 Datasheet HTML 12Page - MOSA ELECTRONICS MS6863 Datasheet HTML 13Page - MOSA ELECTRONICS MS6863 Datasheet HTML 14Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
MOSA
MS6863
Dual 2W Power Amplifiers with Stereo Headphone
REV 1
14
www.mosanalog.com
Circuit
100K
R2
20K
R7
20K
R5
20K
R4
100K
R3
20K
R6
1K
R8
+
100u
C2
1u
C5
1u
C4
+
100u
C3
+
100u
C6
0.33u
C7
1
2
VDD
JP1
HEAD PHONE
J1
SPEAKER
LS1
1K
R9
1
2
SD
JP2
0.1u
C1
1
2
-INB
JP3
1
2
-INA
JP4
1
2
OUTA
JP5
1
2
OUTB
JP6
SD
1
GND
2
+OUTA
3
VDD
4
-OUTA
5
-INA
6
GND
7
+INA
8
GND
9
GND
10
HP-IN
20
GND
19
+OUTB
18
VDD
17
-OUTB
16
-INB
15
BP
14
+INB
13
GND
12
GND
11
MS6863
U1
SPEAKER
LS2
100K
R1
PDP
JP7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com