Electronic Components Datasheet Search
  English  ▼

X  

8MCJS505 Datasheet(PDF) 35 Page - SOURIAU-SUNBANK Connection Technologies

Part # 8MCJS505
Description  Miniature Lightweight High Density Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

8MCJS505 Datasheet(HTML) 35 Page - SOURIAU-SUNBANK Connection Technologies

Back Button 8MCJS505 Datasheet HTML 31Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 32Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 33Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 34Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 35Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 36Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 37Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 38Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 39Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
microComp® Series
35
EMI Backshells
Technical features
• Backshell kits consist of one low profile machined aluminum alloy backshell nickel plated, two jackscrews (or jackposts)
and two clips.
• Cable exits are designed for banded clamp termination. Once the braided copper shield is secure to the backshell
the cable can be terminated with an heatshrink boot.
• Available with circular and/or elliptical entry, depending on shell size.
• Available with straight, 45° and 90° entry.
• For cable-to-box or cable-to-cable connection (for one cable-to-cable assembly, order one backshell with jackpost
and one with jackscrew).
• These backshells are non environmental and are not for use with microComp® equipped with grommets. Fill with potting
compound to prevent water intrusion.
Shell size
Entry code
Entry shape
Circular entry size
in mm (inch)
Elliptical entry size
in mm (inch)
Entry surface in mm² (inch²)
ø g
x ±0.15 (±.060)
y ±0.15(±.060)
A-B
02
Circular
3,20 (.126)
-
-
8.04 (.012)
03
Circular
4,80 (.189)
-
-
18.1 (.028)
C-D
03
Circular
4,80 (.189)
-
-
18.1 (.028)
04
Circular
6,40 (.252)
-
-
32.17 (.05)
E-F
03
Circular
4,80 (.189)
-
-
18.1 (.028)
05
Elliptical
-
10.80 (.425)
5.80 (.229)
49.2 (.076)
G
04
Circular
6,40 (.252)
-
-
32.17 (.05)
06
Circular
9,50 (.374)
-
-
70.9 (.110)
H
05
Elliptical
-
10,80 (.425)
5.80 (.229)
49.2 (.076)
07
Elliptical
-
21,00 (.827)
5.8 (.228)
95.7 (.148)
J
08
Elliptical
-
23,50 (.925)
6.80 (.268)
125.5 (.195)
10
Elliptical
-
33,00 (1.3)
7.8 (.307)
202.15 (.313)
Each backshell is available with 2 entry sizes, circular and/or elliptical
Cable entry size
Jackscrew
Clip
Backshell
Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com