Electronic Components Datasheet Search
  English  ▼

X  

8MCJS505 Datasheet(PDF) 8 Page - SOURIAU-SUNBANK Connection Technologies

Part # 8MCJS505
Description  Miniature Lightweight High Density Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

8MCJS505 Datasheet(HTML) 8 Page - SOURIAU-SUNBANK Connection Technologies

Back Button 8MCJS505 Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 5Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 7Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 8Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 9Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 10Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 11Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 12Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
microComp® Series
8
Comparison with micro-D
microComp® benefits:
Save money: global cost of ownership is less expensive for microComp® than for micro-D. With micro-D any change in
design or quality issue leads to complete harness replacement as micro-D are pre-wired and non repairable. microComp®
solution is more flexible thanks to the removable crimp contacts.
Save time in development: microComp® has removable crimp contacts so you can easily and quickly change your harness
configuration.
Save weight: the high technology composite shells (strengthened fiber glass material for maximum mechanical resistance)
makes microComp® very light and robust.
Same panel cut-out: microComp® connectors have the same external dimensions as MIL-DTL 83513 (except for size H
and J).
Easier to use: mating and unmating force is lower for microComp® than for micro-D.
Weight comparison: 
microComp® is lighTer
Comparison between the max weight (connector + contacts) given in microComp® standard (ESCC 3401/081, 082, 083)
and in micro-D standard (ESCC 3401/029).
Note: No comparison with MIL-DTL 83513 standard because no max weight are given in this standard.
Mating force comparison: 
microComp® is easier to mate and unmate
even with more than 100 contacts.
Comparison between the max mating and unmating force given in microComp® standard (ESCC 3401/081, 082, 083)
and in micro-D standard (MIL-DTL 83513).
microComp®
micro-D
microComp®
micro-D
microComp®
micro-D
microComp®
micro-D
Number of contacts
7
9
25
25
51
51
104
100
Max mating/unmating force (N)
12N
25N
43N
87N
41N
144N
179N
283N
Difference in N
14N
28N
58N
104N
Saving in %
-53%
-40%
-40%
-37%
microComp®
micro-D
microComp®
micro-D
microComp®
micro-D
Number of contacts
7
9
25
25
51
51
Plug without cable
1,42 gr
2,20 gr
3,60 gr
4,30 gr
6,01 gr
7,20 gr
Receptacle with 90° spills
1,68 gr
7,40 gr
4,60 gr
10,20 gr
8,39 gr
16,50 gr
Average weight per contact
0,44 gr
1,07 gr
0,33 gr
0,58 gr
0,28 gr
0,46 gr
Weight saved per contact with
microComp®
(%)
-58%
-43%
-39%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com