Electronic Components Datasheet Search
  English  ▼

X  

8MCJS505 Datasheet(PDF) 6 Page - SOURIAU-SUNBANK Connection Technologies

Part # 8MCJS505
Description  Miniature Lightweight High Density Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

8MCJS505 Datasheet(HTML) 6 Page - SOURIAU-SUNBANK Connection Technologies

Back Button 8MCJS505 Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 5Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 7Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 8Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 9Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 10Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
microComp® Series
6
Ethernet performances
With its very short contacts, microComp® has very good performances for Ethernet.
Fully Ethernet 100 base T compatible :
Fit up to 4 Ethernet links into a 25 ways microComp®
Compatible with standard Ethernet Quad wires
Reach up to cat 6 performances (TIA/EIA 568-B)
Fully Ethernet 1000 base T compatible :
Fit up to 2 Ethernet links in to a 25 ways microComp®
No need to ground the pins between the quads.
Reach cat 5e performances (TIA/EIA 568-B)
Please consult us (microcomp@souriau.com) for more information about the wiring for Ethernet links
Exemple of configuration: 4 quad + 1 contact for signal in a size F shell
1 quad
> Cat 6
N quad with
segregation
> Cat 5e
N pairs with
segregation
Cat 6
Features and benefits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com