Electronic Components Datasheet Search
  English  ▼

X  

8MCJS505 Datasheet(PDF) 36 Page - SOURIAU-SUNBANK Connection Technologies

Part # 8MCJS505
Description  Miniature Lightweight High Density Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

8MCJS505 Datasheet(HTML) 36 Page - SOURIAU-SUNBANK Connection Technologies

Back Button 8MCJS505 Datasheet HTML 32Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 33Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 34Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 35Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 36Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 37Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 38Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 39Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 40Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
microComp® Series
36
EMI Backshells
Straight backshell
Straight backshell
8MCBS
F
001
03
N
Shell size:
A - B - C - D - E - F - G - H - J
Environment:
None: for connector without grommet
Straight version:
001
Cable entry type:
see «Cable entry size» table
Finish:
N: electroless Nickel
Mounting hardware:
None: jackscrews (standard use)
F: jackposts (for cable to cable connection only)
Backshells are always supplied with 2 clips and 2 jackscrews or jackposts
Shell Size
A
B
C
D
E
F
G
H
J
a ±0.15
(±.060)
19,70
(.776)
23,40
(.921)
27,30
(1.075)
29,85
(1.176)
33,70
(1.327)
37,50
(1.476)
36,10
(1.421)
48.85
(1.923)
62.80
(2.473)
b ±0.13
(±.051)
14,35
(.565)
18,16
(.715)
21,97
(.865)
24,51
(.965)
28,32
(1.115)
32,13
(1.265)
30,86
(1.215)
43.36
(1.707)
54.85
(2.160)
c ±0.15
(±.060)
9,00
(.354)
9,00
(.354)
9,00
(.354)
9,00
(.354)
9,00
(.354)
9,00
(.354)
10,00
(.394)
10,00
(.395)
13,00
(.512)
d Max.
10,00
(.394)
12,00
(.472)
14,00
(.551)
16,00
(.623)
17,00
(.670)
18,00
(.709)
19,00
(.748)
19,00
(.748)
21,00
(.827)
e Max.
Max weight
in g (oz)
3,50
(0.12)
3,80
(0.13)
5,00
(0.18)
5,60
(0.20)
7,00
(0.25)
7,70
(0.27)
9,20
(0.32)
9,50
(0.34)
14,50
(0.51)
All dimensions in mm (inches)
Circular entry
Elliptical entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com