Electronic Components Datasheet Search
  English  ▼

X  

8MCJS505 Datasheet(PDF) 4 Page - SOURIAU-SUNBANK Connection Technologies

Part # 8MCJS505
Description  Miniature Lightweight High Density Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

8MCJS505 Datasheet(HTML) 4 Page - SOURIAU-SUNBANK Connection Technologies

  8MCJS505 Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 5Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 7Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 8Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 9Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
microComp® Series
4
To respond to miniaturization and weight saving trends in aeronautical and defense
applications SOURIAU has developed an innovative high density connector range:
microComp® is the alternative to High Density (HD), D-Sub and micro-D.
• Very light: shell in composite (or aluminum). Up to 66% lighter than HD/D-Sub
• Very high density up to 40% smaller than HD D-Sub
• With crimp removable contacts for wire AWG 24 to 28
• Temperature up to 175°C
• High vibration and shock withstanding
• Standard MIL-STD 83513 accessories
• Compatible with high speed data rates (Gigabit Ethernet...)
For civil aviation, military aircraft, rotorcraft, UAV and military equipment:
• Radar
• Engine Control Unit
• Missiles & Weapon systems
• Flight test equipment
• Data acquisition equipment
• Cockpit equipment & Avionics
• In Flight Entertainment Systems
• Displays
• Infrared cameras
• Battery management system
... and any electronic device with space
and weight constraints
For space applications please consult our dedicated Space Grade microComp® catalog
Overview
Description
Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com