Electronic Components Datasheet Search
  English  ▼

X  

8MCJS505 Datasheet(PDF) 7 Page - SOURIAU-SUNBANK Connection Technologies

Part # 8MCJS505
Description  Miniature Lightweight High Density Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

8MCJS505 Datasheet(HTML) 7 Page - SOURIAU-SUNBANK Connection Technologies

Back Button 8MCJS505 Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 5Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 7Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 8Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 9Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 10Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 11Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
microComp® Series
7
Comparison with high density D-Sub
microComp® benefits:
Save room and weight on your equipment: for signal applications, replace your HD D-Sub with microComp® and reduce
your equipment dimensions and weight.
microComp®
HD-DSub
microComp®
HD-DSub
microComp®
HD-DSub
Number of contacts
25
26
51
44
104
78
Plug without cable
3,60 gr
9,48 gr
6,01 gr
14,52 gr
10,99 gr
31,32 gr
Receptacle with 90° spills
4,60 gr
14,00 gr
8,39 gr
22,14 gr
17,54 gr
51,04 gr
Average weight per contact
0,33 gr
0,90 gr
0,28 gr
0,83 gr
0,27 gr
0,79 gr
Weight saved per contact with microComp® (%)
-64%
-66%
-65%
Weight comparison: 
microComp® is lighter
Comparison between the max weight given in microComp® standard (ESCC 3401/081, 082, 083) and in HD D-Sub standard
(ESCC 3401 001/002/005).
microComp®
HD-Dsub
microComp®
HD-Dsub
microComp®
HD-Dsub
Number of contacts
25
26
51
44
104
78
Max mating/unmating force (N)
43N
76N
87N
125N
179N
289N
Difference in N
33N
38N
110N
Saving in %
-44%
-30%
-38%
Mating force comparison: 
microComp® is easier to mate and unmate
even with more than 100 contacts.
Comparison between the max mating/unmating force given in
microComp® standart (ESCC 3401/081) and in HD D-sub
standard (MIL-DTL 24308)
microComp®
HD-DSub
microComp®
HD-DSub
microComp®
HD-DSub
Number of contacts
25
26
51
44
104
78
Front dimension (max)
2,9 cm²
5,1 cm²
4,3 cm²
6,9 cm²
7,8 cm²
12,1 cm²
Size saving / HD Dsub
-42%
-37%
-35%
Surface per contact
11,8 mm²
19,7 mm²
8,5 mm²
15,7 mm²
7,5 mm²
11,6 mm²
Size saving per contact / HD Dsub
-40%
-46%
-35%
Size comparison:
microComp® is smaller
Comparison between the max dimensions given in microComp® standard (ESCC 3401/081) and in HD D-Sub standard
(MIL-DTL 24308).
HD D-Sub
26 cts
44 cts
78 cts
microComp®
25 cts
51 cts
104 cts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com