Electronic Components Datasheet Search
  English  ▼

X  

SBS Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # SBS
Description  SBS® Connectors Up to 110 amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

SBS Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  SBS Datasheet HTML 1Page - Anderson Power Products, Inc. SBS Datasheet HTML 2Page - Anderson Power Products, Inc. SBS Datasheet HTML 3Page - Anderson Power Products, Inc. SBS Datasheet HTML 4Page - Anderson Power Products, Inc. SBS Datasheet HTML 5Page - Anderson Power Products, Inc. SBS Datasheet HTML 6Page - Anderson Power Products, Inc. SBS Datasheet HTML 7Page - Anderson Power Products, Inc. SBS Datasheet HTML 8Page - Anderson Power Products, Inc. SBS Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
- 68 -
All Data Subject To Change Without Notice
www.andersonpower.com
[ 46.0 ]
1.81
[ 15.2 ]
0.60
[ 84.8 ]
3.34
[ 28.9 ]
1.14
Mated Length
Premate Ground / Power
[ 41.4 ]
1.63
[ 14.5 ]
0.57
[ 59.4 ]
2.34
Material ID
P = Chemical Resistant
[ 55.9 ]
2.20
[ 32.5 ]
1.28
[ 19.05 ± 0.13 ]
0.750 ± 0.005
[ 84.8 ]
3.34
[ 28.9 ]
1.14
Mated Length
Bottom View
Material ID
P = Chemical Resistant
[ 15.2 ]
0.60
[ 46.0 ] 1.81
Front View
Primary Power Contacts
Pin
Socket
[ 3.4 ]
0.13
(2) PLC’S
[ 5.7 ]
0.62
[ 74.9 ]
2.95
[ 19.1 ]
0.75
[ 4.0 ]
0.16
TYP
[ 56.8 ]
2.24
[ 49.6]
1.95
Back View
Side View
Mated Length
See PCB connector drawing on website for further detail.
[ 46.1 ]
1.81
[ 41.00 ]
1.614
[ 26.92 ]
1.06
[ 4.1 ]
0.16 (4)
[ 4.0 ]
0.16 (4)
[ 56.8 ]
2.24
[ 15.7 ]
0.62
Side View
Mated Length
[ 74.9 ]
2.95
Back View
SBS® 75X Standard Housings
Polycarbonate housings feature 4 auxiliary and 2 primary positions
all finger proof. Genderless design mates with itself, or the PCB
connector. Mechanical keys are color coded. Inquire with Customer
Service about other color offerings.
Description
Part Numbers
Minimum Quantity
250
50
Black
SBS75XBLK-BK
SBS75XBLK
Brown
SBS75XBRN-BK
SBS75XBRN
Gray
SBS75XGRA-BK
SBS75XGRA
Blue
SBS75XBLU-BK
SBS75XBLU
Green
SBS75XGRN-BK
SBS75XGRN
White
SBS75XWHT-BK
SBS75XWHT
SBS® 75X Chemical Resistant (CR) Housings
Same features as the standard housings, but molded out of a
chemical resistant PBT/ PC blend. Suitable for use to -40°C.
Inquire with Customer Service about other color offerings.
Description
Part Numbers
Minimum Quantity
250
50
Green
PSBS75XGRN-BK
PSBS75XGRN
Black
PSBS75XBLK-BK
PSBS75XBLK
Gray
PSBS75XGRA-BK
PSBS75XGRA
Blue
PSBS75XBLU-BK
PSBS75XBLU
White
PSBS75XWHT-BK
PSBS75XWHT
Brown
PSBS75XBRN-BK
PSBS75XBRN
SBS® 75X Assembled PCB Connector
Fully assembled PCB connector is designed to mate with SBS® 75X
Wire connector. All positions are preloaded with contacts including
standard mating length auxiliary positions. Press fit board locks
help secure the connector to the PCB before and after soldering.
Choose between tin or silver contacts.
Description
Part Numbers
Minimum Quantity
250
100
Black - Tin Contact
-
SBS75XPRBLK-BK
Black - Silver Contact
SBS75XPRSBLK-BK
-
SBS® 75G Wire Housings
Polycarbonate housings feature three finger proof positions. The
center position can be used for pre-mate power or ground. Genderless
design mates with itself, or the PCB connector. Mechanical keys are
color-coded. Inquire with customer service for chemical resistant housings.
Description
Part Numbers
Minimum Quantity
250
50
Blue
SBS75GBLU-BK
SBS75GBLU
Black
SBS75GBLK-BK
SBS75GBLK
Brown
SBS75GBRN-BK SBS75GBRN
White
SBS75GWHT-BK SBS75GWHT
SBS® 75G Assembled PCB Connector
Fully assembled PCB connector is designed to mate with SBS® 75G
Wire connector. Has press fit board locks to help secure the connector
to the PCB before and after soldering.
Description
Part Number
Minimum Quantity
100
Black
SBS75GPRBLK-BK
See PCB connector drawing on website for further detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com