Electronic Components Datasheet Search
  English  ▼

X  

SBS Datasheet(PDF) 5 Page - Anderson Power Products, Inc.

Part # SBS
Description  SBS® Connectors Up to 110 amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

SBS Datasheet(HTML) 5 Page - Anderson Power Products, Inc.

  SBS Datasheet HTML 1Page - Anderson Power Products, Inc. SBS Datasheet HTML 2Page - Anderson Power Products, Inc. SBS Datasheet HTML 3Page - Anderson Power Products, Inc. SBS Datasheet HTML 4Page - Anderson Power Products, Inc. SBS Datasheet HTML 5Page - Anderson Power Products, Inc. SBS Datasheet HTML 6Page - Anderson Power Products, Inc. SBS Datasheet HTML 7Page - Anderson Power Products, Inc. SBS Datasheet HTML 8Page - Anderson Power Products, Inc. SBS Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
- 71 -
All Data Subject To Change Without Notice
www.andersonpower.com
25
50
75
100
125
0
20
40
60
80
100 120 140
SBS® 75G All Contacts Powered
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0
20
40
60
80
100
120
SBS® 75G All Contacts Powered
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90 100 110 120
SBS® 75G Primary Contacts Only
No Power Center Contact
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25
50
75
100
125
0
20
40
60
80
100
120
SBS® 75GPR All Contacts Powered
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90 100
SBS® 75GPR All Contacts Powered
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25
50
75
100
125
0
20
40
60
80 100 120 140
SBS® 75G Primary Contacts Only
No Power Center Contact
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com