Electronic Components Datasheet Search
  English  ▼

X  

SBS Datasheet(PDF) 10 Page - Anderson Power Products, Inc.

Part # SBS
Description  SBS® Connectors Up to 110 amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

SBS Datasheet(HTML) 10 Page - Anderson Power Products, Inc.

Back Button SBS Datasheet HTML 3Page - Anderson Power Products, Inc. SBS Datasheet HTML 4Page - Anderson Power Products, Inc. SBS Datasheet HTML 5Page - Anderson Power Products, Inc. SBS Datasheet HTML 6Page - Anderson Power Products, Inc. SBS Datasheet HTML 7Page - Anderson Power Products, Inc. SBS Datasheet HTML 8Page - Anderson Power Products, Inc. SBS Datasheet HTML 9Page - Anderson Power Products, Inc. SBS Datasheet HTML 10Page - Anderson Power Products, Inc. SBS Datasheet HTML 11Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
- 76 -
All Data Subject To Change Without Notice
www.andersonpower.com
Mounting Clamp for SBS® 50 *
Mounting clamps can be used for fastening a SBS® 50 series
housings to a panel. Fastening hardware not included.
Description
Part Number
Minimum Quantity
20 sets of 2
Panel Mount Bracket for SBS® 50
1466G1
* Torque value 5 (in - lbs) / 0.56 (Nm)
T-Handles for SBS® 50 and SBS® 75X *
The “T” handles make mating and unmating the connector easier. The non-conductive
polycarbonate or chemical resistant PBT red plastic material is strong and safe.
(2) Self tapping screws are used to secure the handle to the connector housing.
Description
Part Numbers
Minimum Quantity
1,000
50
Red “T” Handle + Hardware Bag
-
SBS50-HDL-RED
Hardware Bag (2 Screws)
-
104G17
Red “T” Handle Only
113899P1
-
PBT SBS50 “T” Handle, Red
113899P2
-
#8 x 5/8” Screw (Order 2 Per Handle)
H1120P55
-
PBT SBS® 50 Handle, Red + Hardware
-
PSBS50-HDL-RED
* Torque value 10 (in - lbs) / 1.13 (Nm)
“A” Frame Handle for SBS® 50 and SBS® 75X *
Handle makes mating and unmating the connector easier. The non-conductive gray
plastic material is strong and safe. Machine screws and locknuts included.
Description
Part Number
Minimum Quantity
200
Gray “A” Handle & Hardware
997G1
* Torque value 12 (in - lbs) / 1.4 (Nm)
T-Handle for SBS® 75G *
The “T” handle makes mating and unmating the connector easier. The non-conductive
red plastic material is strong and safe. (2) Machine screws and lock nuts.
Description
Part Number
Minimum Quantity
50
Red “T” Handle + Hardware Bag
SBS75GHDLRED
* Torque value 10 (in - lbs) / 1.13 (Nm)
Dust Cover SBS® 50
Prevents dust and dirt from entering the mating interface of the
connector when unmated. NOTE: Not a Hermetic Seal.
Description
Part Numbers
Minimum Quantity
500
50
Dust Cover with Lanyard Strap, Red
113890P1
134G1
Cable Clamps for SBS® 50 *
Durable metal cable clamps securely hold cables to prevent accidental strain or pulls from dislodging
wire or contacts from the housing. Cable clamps are recommended for solder terminated wires.
Cable Size
AWG or
mm² or
Description
(Inches O.D.) *
(mm O.D.) *
Part Numbers
Minimum Quantity
500
50
Self Attaching for Discrete Conductor
8 to 6
10
990-BK
990
Self Attaching for Discrete Conductor
12 to 10
2.5 to 4
990G2-BK
990G2
Bolt On for Discrete Conductor
12 to 6
2.5 to 10
990G1-BK
990G1
Bolt On for Bundled Conductor
0.320 to 0.450
4.27 to 11.43
5905-BK
5905
* Torque value 12 (in - lbs) / 1.4 (Nm) NOTE: For assembly of clamp to housing only
The given wire O.D. information is an estimate. Cable clamps should be
evaluated for performance with the actual wire to be used.
Shown with the SB® 50
5905
Bolt on bundled
conductors.
990
Self attaching
discrete conductor.
Shown with the SB® 50
Slide cover over
mating end.
Housing not included.
SBS® ACCESSORIES
[ 4.6 ]
Ø 0.18 TYP
[ 20.8 ]
0.82
[ 20.8 ]
0.82
[ 33.5 ]
1.32
[ 50.0 ]
1.97
[ 25.1 ]
0.99
[ 1.4 ]
0.06
[ 28.0 ]
1.10
[ 26.4 ]
1.04
Screws
Handle
Connector
Housing not
Included
Locknuts
Housing not included



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com