Electronic Components Datasheet Search
  English  ▼

X  

SBS Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # SBS
Description  SBS® Connectors Up to 110 amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

SBS Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  SBS Datasheet HTML 1Page - Anderson Power Products, Inc. SBS Datasheet HTML 2Page - Anderson Power Products, Inc. SBS Datasheet HTML 3Page - Anderson Power Products, Inc. SBS Datasheet HTML 4Page - Anderson Power Products, Inc. SBS Datasheet HTML 5Page - Anderson Power Products, Inc. SBS Datasheet HTML 6Page - Anderson Power Products, Inc. SBS Datasheet HTML 7Page - Anderson Power Products, Inc. SBS Datasheet HTML 8Page - Anderson Power Products, Inc. SBS Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
- 69 -
All Data Subject To Change Without Notice
www.andersonpower.com
[ 7.3 ]
Ø 0.29
[ 12.4 ]
0.49
A
[ 7.6 ]
0.30
[ 39.4 1.5 ]
1.55
0.06
+-
+-
[ 7.6 ]
0.30
[ 7.3 ]
Ø 0.29
[ 12.4 ]
0.49
[ 41.9 1.5 ]
1.65 0.06
+-
+-
A
Ground Indicator
[ 1.60 ]
Ø 0.06
Retention Clip
L1
L
Socket
Insert
[ 19.6 ]
0.77
[ 2.6 ]
0.10
Retention
Clip
ID
SBS® Silver Plated Primary Power Wire Contacts
Use two silver plated contacts per housing for the best electrical performance
and durability up to 10,000 mating cycles. Standard contacts are for use in all
primary power positions for SBS® 50, 75X, & 75G wire housings. See reducing
bushings in accessory section for smaller wires.
Dimensions
Loose Piece
- A -
Type
AWG
mm²
Part Numbers
inches mm
Minimum Quantity
1,000
100
Standard 6
16
1339G2-BK
1339G2 *
0.22 5.60
Standard 8
10
1339G5-BK
1339G5 *
0.19 4.70
Standard 12 to 10
2.5 to 6 1339G3-BK
1339G3 *
0.14 3.50
* Are sold as pairs. 2 contacts ship for every 1 ordered.
SBS® 75G Silver Plated Pre-Mate Wire Contacts
Pre-Mate contacts used for power or ground are for the center
Pre-Mate position on the SBS®75G wire housings. See reducing
bushings in accessory section for smaller wires.
Dimensions
Loose Piece
- A -
Type
AWG
mm²
Part Numbers
inches mm
Minimum Quantity
500
50
Pre-Mate 6
16
1340G1-BK
1340G1
0.22 5.60
Pre-Mate 8
10
1340G2-BK
1340G2
0.19 4.70
Pre-Mate 12 to 10
2.5 to 6 1340G3-BK
1340G3
0.14 3.50
Pin Contacts for SBS® 75X Auxiliary
Gold plated contacts are available in 3 lengths to allow sequencing of circuits.
Description
AWG
mm²
Part Numbers
Minimum Quantity
500
50
Standard Length 7.7 mm 12
2.5
PM16P12S30
PM16P12S30-50
16 to 14
1.0 to 1.5
PM16P1416S30
PM16P1416S30-50
20 to 16
0.75 to 1.0
PM16P1620S30
PM16P1620S30-50
24 to 20
0.50 to 0.75
PM16P2024S30
PM16P2024S30-50
Pre-Mate 9.3 mm
12
2.5
PM16P12A30
-
16 to 14
1.0 to 1.5
PM16P1416A30
-
20 to 16
0.75 to 1.0
PM16P1620A30
-
24 to 20
0.50 to 0.75
PM16P2024A30
-
Post-Mate 6.4 mm
12
2.5
PM16P12C30
-
16 to 14
1.0 to 1.5
PM16P1416C30
-
20 to 16
0.75 to 1.0
PM16P1620C30
-
24 to 20
0.50 to 0.75
PM16P2024C30
-
Socket Contacts for SBS® 75X Auxiliary
Selectively gold plated contacts offer low resistance and durability up to 10,000 mating cycles.
Description
AWG
mm²
Part Numbers
Minimum Quantity
500
50
Socket Contact
12
2.5
PM16S12S32
PM16S12S32-50
16 to 14 1.0 to 1.5
PM16S1416S32
PM16S1416S32-50
20 to 16 0.75 to 1.0
PM16S1620S32
PM16S1620S32-50
24 to 20 0.50 to 0.75
PM16S2024S32
PM16S2024S32-50
Auxiliary Socket Contacts Crimp
Barrel ID
Wire Gauge
in.
mm.
24 to 20
0.04 1.1
20 to 16
0.07 1.7
16 to 14
0.08 2.1
12
0.10 2.6
See drawings on website for
further details
Auxiliary Pin
Contact Lengths
- L -
- L1 -
in.
mm in.
mm
Standard Length 7.7 mm 0.77 19.6 0.30 7.7
Pre-Mate 9.3 mm
0.83 21.2 0.37 9.3
Post-Mate 6.4 mm
0.72 18.3 0.25 6.4
See drawings on website for further details



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com