Electronic Components Datasheet Search
  English  ▼

X  

SBS Datasheet(PDF) 6 Page - Anderson Power Products, Inc.

Part # SBS
Description  SBS® Connectors Up to 110 amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

SBS Datasheet(HTML) 6 Page - Anderson Power Products, Inc.

Back Button SBS Datasheet HTML 2Page - Anderson Power Products, Inc. SBS Datasheet HTML 3Page - Anderson Power Products, Inc. SBS Datasheet HTML 4Page - Anderson Power Products, Inc. SBS Datasheet HTML 5Page - Anderson Power Products, Inc. SBS Datasheet HTML 6Page - Anderson Power Products, Inc. SBS Datasheet HTML 7Page - Anderson Power Products, Inc. SBS Datasheet HTML 8Page - Anderson Power Products, Inc. SBS Datasheet HTML 9Page - Anderson Power Products, Inc. SBS Datasheet HTML 10Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
- 72 -
All Data Subject To Change Without Notice
www.andersonpower.com
SBS® CONNECTOR SPECIFICATIONS
ELECTRICAL
Current Rating Amperes 1
UL 1977
CSA / TUV EN1175 : 1998+A1
Primary Power (6 AWG)
110
75
80
Auxiliary (12 AWG)
20
10
20
Voltage Rating AC/DC
UL 1977
600
600
96
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms ¹
Power & Ground: 1 1/4”
of 6 AWG wire
0.200
Auxiliary: Wire & PCB
3.000
Hot Plug Current Rating Amperes - 250 cycles at 120V DC 5 Cycles at 96V DC
Wire & PCB Power
50A
Wire & PCB Auxiliary
5A
200A
Ground Short Time Current Test - SBS® 75G Wire & PCB
1530 Amps, (6 AWG) Wire
6 Seconds
MATERIALS
Housing
Standard Plastic Resin
Polycarbonate
Chem. Resistant Resin
Polycarbonate / PBT Blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Glow Wire - SBS® 50
825°C (GWFI) / 800°C (GWIT)
- SBS® 75G
960°C (GWFI) / 800°C (GWIT)
- SBS® 75X
960°C (GWFI) / 800°C (GWIT)
Wire Power & Ground
Contact
Silver Plated Copper Alloy
PCB Power & Ground Contact Tin Plated Copper Alloy
SBS® 75X Auxiliary Contacts
Pin
Copper Alloy, Au Over Ni
Socket
BeCu, Au over Ni
Socket Body
Copper Alloy, Sn Bright Over Ni
Retention Clip
Stainless Steel
PCB Press Fit Retainers
Brass - Tin Plated
Contact Termination Methods
Crimp ³
Wire Contacts
Hand Solder
Wire and PCB Contacts
Solder Dip
PCB Contacts
Wave Solder
PCB Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com