Electronic Components Datasheet Search
  English  ▼

X  

RMCF Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # RMCF
Description  General Purpose Thick Film Standard Power and High-Power Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCF Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  RMCF Datasheet HTML 1Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 2Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 3Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 4Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev Date: 7/22/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCF / RMCP Series
General Purpose Thick Film Standard Power
and High-Power Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
0.016 ± 0.001
0.008 ± 0.001
0.005 ± 0.001
0.004 ± 0.001
0.004 ± 0.001
inches
0.40 ± 0.02
0.20 ± 0.02
0.13 ± 0.02
0.10 ± 0.03
0.10 ± 0.03
mm
0.024 ± 0.001
0.012 ± 0.001
0.009 ± 0.002
0.006 ± 0.002
0.006 ± 0.002
inches
0.60 ± 0.03
0.30 ± 0.03
0.23 ± 0.05
0.15 ± 0.05
0.15 ± 0.05
mm
0.57
0.039 ± 0.004
0.020 ± 0.002
0.012 ± 0.004
0.006 ± 0.004
0.010 ± 0.006
inches
0.62
1.00 ± 0.10
0.50 ± 0.05
0.30 ± 0.10
0.15 ± 0.10
0.25 ± 0.15
mm
1.88
0.061 ± 0.006
0.031 ± 0.006
0.018 ± 0.006
0.012 ± 0.008
0.012 ± 0.008
inches
2.04
1.55 ± 0.15
0.80 ± 0.15
0.45 ± 0.15
0.30 ± 0.20
0.30 ± 0.20
mm
5.00
0.079 ± 0.008
0.049 ± 0.004
0.020 ± 0.006
0.014 ± 0.010
0.014 ± 0.010
inches
4.37
2.00 ± 0.20
1.25 ± 0.10
0.50 ± 0.15
0.35 ± 0.25
0.35 ± 0.25
mm
Average Unit
Weight (mg)
Unit
Bottom Termination
Type/Code
Body Length
Body Height
Top Termination
Body Width
L
W
H
a
b
RMCF01005
RMCF0805
RMCP0805
0.07
RMCF0201
RMCP0201
0.16
RMCF0603
RMCP0603
RMCF0402
RMCP0402
Electrical Specifications - RMCP
Electrical Specifications - Jumper
RMCF01005
0.5
1
RMCF0201
0.5
1
RMCF0402
1
3
RMCF0603
1
5
RMCF0805
2
5
RMCF1206
2
10
RMCF1210
3
12
RMCF2010
3
12
RMCF2512
3
15
* < 1 second and 1 time
Jumper Resistance Value
(Ω)
Type/Code
Jumper Rated Current
(A)
Max Overload Current
(A)*
0.05 max.
1%, 5%
-200 / +400
1 - 9.76
± 200
10 - 10M
± 200
1 - 9.76
± 100
10 - 10M
± 200
1 - 9.76
± 100
10 - 10M
± 200
1 - 9.76
± 100
10 - 10M
± 400
1 - 9.76
± 100
10 - 10M
± 400
1 - 9.76
± 100
10 - 10M
± 200
1 - 9.76
± 100
10 - 10M
± 200
1 - 9.76
± 100
10 - 10M
Notes: (1) Lesser of
or maximum working voltage
(2) Contact Stackpole for higher or lower values
RMCP2512
2
250
500
7
RMCP2010
1
200
400
6
RMCP1210
0.66
200
400
5
RMCP1206
0.5
200
400
3.5
RMCP0805
0.33
150
300
2.5
RMCP0603
0.25
75
150
2
RMCP0402
0.125
50
100
1.5
TCR (ppm/ºC)
Ohmic Range (Ω) and Tolerance
(2)
RMCP0201
0.063
25
50
1
Type/Code
Power Rating
(W)
@ 70ºC
Max.
Working
Voltage (V)
(1)
Max.
Overload
Voltage (V)
Max.
Jumper Current
(A)
√ P*R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com