Electronic Components Datasheet Search
  English  ▼

X  

RMCF Datasheet(PDF) 9 Page - Stackpole Electronics, Inc.

Part # RMCF
Description  General Purpose Thick Film Standard Power and High-Power Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCF Datasheet(HTML) 9 Page - Stackpole Electronics, Inc.

Back Button RMCF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 9Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 10Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 11Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 12Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev Date: 7/22/2022
9
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCF / RMCP Series
General Purpose Thick Film Standard Power
and High-Power Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Taping Specifications - 2010, 2512
Taping Specifications - 0603, 0805, 1206, 1210 (cont.)
0.024 ± 0.008
0.024 ± 0.004
inches
0.60 ± 0.20
0.60 ± 0.10
mm
0.030 ± 0.008
0.030 ± 0.004
inches
0.138 ± 0.002
0.75 ± 0.20
0.75 ± 0.10
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
mm
3.50 ± 0.05
0.030 ± 0.008
0.030 ± 0.004
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
inches
0.75 ± 0.20
0.75 ± 0.10
mm
0.030 ± 0.008
0.030 ± 0.004
inches
0.75 ± 0.20
0.75 ± 0.10
mm
RMCF1210
RMCP1210
RMCF0603
RMCP0603
RMCF0805
RMCP0805
RMCF1206
RMCP1206
Unit
Type/Code
F
T1
T2
P
P0
P1
0.217 ± 0.012 0.110 ± 0.008
inches
0.472
5.50 ± 0.30
2.80 ± 0.20
0.472 ± 0.008 0.069 ± 0.004 0.217 ± 0.002
mm
12.00 0.264 ± 0.008 0.134 ± 0.008 12.00 ± 0.20
1.75 ± 0.10
5.50 ± 0.05
inches
6.70 ± 0.20
3.40 ± 0.20
mm
RMCF2010
RMCP2010
183.1 ± 18.0
4000
Unit
F
Tape
Width
W
E
RMCF2512
RMCP2512
Type/Code
7" Reel
Quantity
A
B
Typical Full Reel
Weight (g)
± 25.0
255.3
Type/Code
Unit
inches
0.041 ± 0.008
0.009 ± 0.006
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
mm
1.05 ± 0.20
0.23 ± 0.15
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
inches
mm
T1
P
Note: Plastic carrier tape used for 2010 and 2512 sizes.
P1
T2
P0
RMCF2010
RMCP2010
RMCF2512
RMCP2512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com