Electronic Components Datasheet Search
  English  ▼

X  

RMCF Datasheet(PDF) 11 Page - Stackpole Electronics, Inc.

Part # RMCF
Description  General Purpose Thick Film Standard Power and High-Power Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCF Datasheet(HTML) 11 Page - Stackpole Electronics, Inc.

Back Button RMCF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 9Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 10Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 11Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 12Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Rev Date: 7/22/2022
11
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCF / RMCP Series
General Purpose Thick Film Standard Power
and High-Power Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Part Marking Specifications
The thermal resistance of the RMCP will be similar to the RMCF. For example, the RMCF2512 and the RMCP2512 will have similar
surface temperatures at 1W; the RMCP is designed to withstand higher temperatures associated with high power levels.
For shared E24/E96 values, 1% tolerance product may be marked wit three digit marking instead of the standard four-digit marking
for all other E96 values. All E24 values available in 1% tolerance are also marked with three-digit marking.
A two-digit number is assigned to each standard R-Value (E96) as shown in the chart below. This is followed by one alpha character
which is used as a multiplier. Each letter represents a specific multiplier as follows:
Marking Instructions for 0603 1% Chip Resistors (per EIA-J)
EXAMPLE:
#
R-Value
#
R-Value
#
R-Value
#
R-Value
#
R-Value
#
R-Value
01
10.0
17
14.7
33
21.5
49
31.6
65
46.4
81
68.1
02
10.2
18
15.0
34
22.1
50
32.4
66
47.5
82
69.8
03
10.5
19
15.4
35
22.6
51
33.2
67
48.7
83
71.5
04
10.7
20
15.8
36
23.2
52
34.0
68
49.9
84
73.2
05
11.0
21
16.2
37
23.7
53
34.8
69
51.1
85
75.0
06
11.3
22
16.5
38
24.3
54
35.7
70
52.3
86
76.8
07
11.5
23
16.9
39
24.9
55
36.5
71
53.6
87
78.7
08
11.8
24
17.4
40
25.5
56
37.4
72
54.9
88
80.6
09
12.1
25
17.8
41
26.1
57
38.3
73
56.2
89
82.5
10
12.4
26
18.2
42
26.7
58
39.2
74
57.6
90
84.5
11
12.7
27
18.7
43
27.4
59
40.2
75
59.0
91
86.6
12
13.0
28
19.1
44
28.0
60
41.2
76
60.4
92
88.7
13
13.3
29
19.6
45
28.7
61
42.2
77
61.9
93
90.9
14
13.7
30
20.0
46
29.4
62
43.2
78
63.4
94
93.1
15
14.0
31
20.5
47
30.1
63
44.2
79
64.9
95
95.3
16
14.3
32
21.0
48
30.9
64
45.3
80
66.5
96
97.6
E = 100000
X = 1
C = 1000
F = 1000000
Z = 0.01
A = 10
D = 10000
Y = 0.1
B = 100
Chip Marking
Explanation
Value
01B
01 means 10.0 and B = 100
10.0 x 100 = 1K ohm
E96
25C
25 means 17.8 and C = 1,000
17.8 x 1,000 = 17.8K ohm
93D
93 means 90.9 and D = 10,000
90.9 x 10,000 = 909K ohm
5% Marking
The nominal resistance is marked on
the surface of the overcoating with the
use of 3 digit markings.
0201 and 0402 are not marked.
1% Marking
The nominal resistance is marked on
the surface of the overcoating with the
use of 4 digit markings.
0201 and 0402 are not marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com