Electronic Components Datasheet Search
  English  ▼

X  

RMCF Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # RMCF
Description  General Purpose Thick Film Standard Power and High-Power Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCF Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  RMCF Datasheet HTML 1Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 2Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 3Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 4Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev Date: 7/22/2022
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCF / RMCP Series
General Purpose Thick Film Standard Power
and High-Power Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Performance Characteristics
Mechanical Specifications (cont.)
8.86
0.126 ± 0.010
0.063 ± 0.006
0.022 ± 0.006
0.020 ± 0.012
0.020 ± 0.012
inches
8.95
3.20 ± 0.25
1.60 ± 0.15
0.55 ± 0.15
0.50 ± 0.30
0.50 ± 0.30
mm
15.55
0.126 ± 0.010
0.098 ± 0.010
0.022 ± 0.006
0.020 ± 0.012
0.020 ± 0.012
inches
15.96
3.20 ± 0.25
2.50 ± 0.25
0.55 ± 0.15
0.50 ± 0.30
0.50 ± 0.30
mm
23.56
0.197 ± 0.008
0.098 ± 0.008
0.022 ± 0.006
0.024 ± 0.012
0.024 ± 0.014
inches
24.24
5.00 ± 0.20
2.50 ± 0.20
0.55 ± 0.15
0.60 ± 0.30
0.60 ± 0.35
mm
40.02
0.248 ± 0.008
0.126 ± 0.010
0.022 ± 0.008
0.024 ± 0.012
0.024 ± 0.014
inches
39.45
6.30 ± 0.20
3.20 ± 0.25
0.55 ± 0.20
0.60 ± 0.30
0.60 ± 0.35
mm
RMCF1206
RMCP1206
RMCF2010
RMCP2010
RMCF1210
RMCP1210
Type/Code
Average Unit
Weight (mg)
RMCF2512
RMCP2512
Unit
Body Length
Body Width
Body Height
Top Termination
Bottom Termination
L
W
H
a
b
Test
Test Specifications
Test Conditions (JIS-C 5202)
± (2% + 0.1Ω)
2.5 X rated voltage for 5 seconds
0201 = 1A
0402 / 0603 / 0805 = 2.5A
1206 / 1210 / 2010 / 2512 = 5A
Dielectric Withstanding Voltage
No flashover or breakdown
100 VAC, 1 minute
Resistance to Soldering Heat
± 1%
260ºC ± 5ºC, for 10 seconds ± 0.5 seconds (Solder Bath)
Solderability
95% coverage, minimum
235ºC ± 5ºC, for 2 seconds ± 0.5 seconds (Colophonium flux)
-65ºC: 30 minutes 25ºC: 2 to 3 minutes
155ºC: 30 minutes 25ºC: 2 to 3 minutes
(5 Cycles)
1% and below: ± (1% + 0.05Ω)
2% and 5%: ± (3% + 0.1Ω)
Value < 1Ω: ± (3% + 0.1Ω)
Jumper: Max 0.1Ω after test.
Voltage Coefficient
± 100 (ppm/V)
1/10 rated voltage for 3 seconds max. then rated voltage for
3 seconds max.
Robustness of Termination
± (1% + 0.05Ω)
Bend of 2 mm for 5 ± 1 seconds
1%: ± (0.5% + 0.05Ω)
5%: ± (0.5% + 0.05Ω)
Jumper: Max. 0.05Ω after test
1%: ± (1% + 0.05Ω)
5%: ± (2% + 0.05Ω)
Values < 1Ω: ± (3% + 0.1Ω)
Jumper: Max. 0.1Ω after test
Operating temperature range for 01005 is -55°C to +125°C
Operating temperature range is -55°C to +155°C for all sizes except for 01005 size
40ºC ± 2°C, 90%~95% R.H. RCWV or max. working voltage
whichever is less for 1000 hours with 1.5 hours "ON" and 0.5 hours
"OFF"
Damp Heat with Load
Jumper: Max 0.05Ω after test
Short Time Overload
The tested resistor should be immersed into isopropyl alcohol of
20ºC ~ 25°C for 60 seconds. Then the resitor is left in the room
for 48 hours.
Resistance to Solvent
Temperature Cycle
± (1% + 0.05Ω)
Jumper (< 0.05Ω)
Load Life
(Endurance)
70ºC ± 2°C, RCWV or max. working voltage whichever is less
for 1000 hours with 1.5 hours "ON" and 0.5 hour "OFF"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com