Electronic Components Datasheet Search
  English  ▼

X  

RMCF Datasheet(PDF) 10 Page - Stackpole Electronics, Inc.

Part # RMCF
Description  General Purpose Thick Film Standard Power and High-Power Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCF Datasheet(HTML) 10 Page - Stackpole Electronics, Inc.

Back Button RMCF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 9Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 10Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 11Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 12Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Rev Date: 7/22/2022
10
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCF / RMCP Series
General Purpose Thick Film Standard Power
and High-Power Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Temperature Measurement of Resistor Surface
Hot Spot Temperature - RMCF
The data provided are for reference only.
They are typical performance for this product but are not guaranteed. The actual pulse
handling of each individual resistor may vary depending on a variety of factors including resistance tolerance and resistanc e
value. Stackpole Electronics, Inc. assumes no liability for the use of this information. Customers should validate the performance of
these products in their applications. Contact Stackpole marketing to discuss specific pulse application requirements.
Description: The resistor surface generated temperature variation after applied rated voltage.
Products and power:
Test method: Measure component surface temperature directly after the temperature stabilizes.
Test result: As per table below:
Single Pulse Power
Size
0201
0402
0603
0805
1206
1210
2010
2512
Surface Temp. (°C)
36
37
46.2
50.4
70.6
110.6
141
150.4
Size
0201
0402
0603
0805
1206
1210
2010
2512
R-V
15K
40.2K
57.6K
180K
182K
100K
100K
75K
Rated Power (W)
1/20
1/16
1/10
1/8
1/4
1/2
3/4
1
Max Rated Voltage (V)
25
50
75
150
200
200
200
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com