Electronic Components Datasheet Search
  English  ▼

X  

TC3567CFSG Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TC3567CFSG
Description  TC3567CFSG-002 Bluetooth® low energy IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC3567CFSG Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TC3567CFSG Datasheet HTML 25Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 26Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 27Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 28Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 29Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 30Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 31Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 32Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
TC3567CFSG-002
2018-04-06
29
4.6. PWM Interface
TC3567C has a PWM interface that can be used for LED, buzzer control, etc.
The PWM interface has the following features.
Arbitrary pulse generation function
It can select the source clock from 13 MHz and 32.768 kHz
It has 12-bit clock division setting up to 1/4096: 8 Hz to 16.384 kHz (32.768 kHz), 3.17 kHz to 6.5 MHz (13 MHz)
The pulse output can be masked by the regular pattern whose period is one second with 50 ms unit width (Rhythm function).
It can generate an interrupt which is synchronized to the rhythm pattern period 1 s.
It can switch the pulse output to Low / High active
It can adjust the duty cycle of the pulse output.
4.6.1.
Pulse Generation Function
Figure 4-18 shows a brief explanation of the pulse generation. TC3567C can adjust output pulse frequency by changing its cycle.
Also it can adjust on/off ratio by changing its duty.
The cycle (frequency) can be set from 8 Hz to 16.384 kHz for 32.768 kHz clock, and from 3.17 kHz to 6.5 MHz for 13 MHz clock.
The duty can be set from 0% to 100%
Cycle
Duty
Figure 4-18 PWM pulse generation function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com