Electronic Components Datasheet Search
  English  ▼

X  

TC3567CFSG Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # TC3567CFSG
Description  TC3567CFSG-002 Bluetooth® low energy IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC3567CFSG Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button TC3567CFSG Datasheet HTML 28Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 29Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 30Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 31Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 32Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 33Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 34Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 35Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
TC3567CFSG-002
2018-04-06
32
4.8. IC Reference Clock Interface
4.8.1.
Features
TC3567C has the following features for IC reference clock interface.
Clock frequency: 26 MHz (please adjust the accuracy to < 50 ppm at the temperature in use)
TC3567C doesn’t require external feedback resistors and load capacitor because it has an internal feedback resistor and capacitor
array. Please adjust capacitor array, based on the specification of the used oscillator and PCB layout and assembly.
4.8.2.
Connection Example
Figure 4-21 Crystal oscillator connection example
TC3567C
Control
Trimming
Input
XOIN
XOOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com