Electronic Components Datasheet Search
  English  ▼

X  

TC3567CFSG Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # TC3567CFSG
Description  TC3567CFSG-002 Bluetooth® low energy IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC3567CFSG Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button TC3567CFSG Datasheet HTML 20Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 21Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 22Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 23Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 24Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 25Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 26Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 27Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
TC3567CFSG-002
2018-04-06
24
4.4. SPI Interface
4.4.1.
Features
TC3567C has the following main features for a serial memory interface
Operation voltage:
1.8 to 3.6 V
SPI interface
Chip select:
1 ch
Chip select polarity:
Selectable: High-active and Low-active
Serial clock master operation: Polarity and phase are adjustable (4 combinations are selectable)
Serial clock frequency:
25 Hz to 6.5 MHz
Serial data transfer mode:
MSB-first, LSB-first
SPI interface can operate at 1.8 to 3.6 V depending on VDDIO, however, cannot operate at different voltage from ones other
interfaces are operate at.
4.4.2.
Connection Example
TC3567C SPI interface can be connected to serial EEPROMs and serial Flash-ROMs and has 1 chip select port. Figure 4-11
shows a connection example, where a serial Flash-ROM is connected to TC3567C SPI interface.
Figure 4-11 Connection example for serial Flash-ROM using SPI interface
Chip select (SPI-SCS)
Serial clock (SPI-SCLK)
Write data (SPI-DOUT)
Read data (SPI-DIN)
Serial
Flash-ROM
TC3567C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com