Electronic Components Datasheet Search
  English  ▼

X  

TC3567CFSG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC3567CFSG
Description  TC3567CFSG-002 Bluetooth® low energy IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC3567CFSG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC3567CFSG Datasheet HTML 4Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 5Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 6Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 7Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 8Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 9Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 10Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 11Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
TC3567CFSG-002
2018-04-06
8
Pin name
Pin No.
Attribute
Condition
Functional description
VDD category
Direction
Type
Default
(during reset)
RF interface
RFIO
7
VDDCORE
IN/OUT
Analog
—
RF I/O pins.
This product incorporates the 50 Ω matching circuit,
so that external matching circuit is unnecessary.
The RF output pattern should wire with the 50 Ω
transmission line.
For details, refer to the hardware application note of
this product.
General purpose I/O port
GPIO0
GPIO15
31
33
VDDIO
IN/OUT
Pull-up
Pull-down
Schmitt trigger
Refer to Table 2-2
General purpose I/O pin.
During reset, the input will be disable state with
disconnecting the Pull-up/Pull-down resistor.
After the pin configuration by software processing, it
works as a GPIO pin of the input and output or
function pin.
Please refer to Table 2-2.
GPIO1
GPIO2
GPIO5
GPIO6
GPIO7
GPIO8
GPIO11
GPIO12
GPIO25
40
16
36
37
38
39
35
34
2
VDDIO
IN/OUT
Pull-up
Pull-down
Schmitt trigger
Refer to Table 2-2
General purpose I/O pin.
During reset, the input will be disable state with
connecting the Pull-up resistor.
After the pin configuration by software processing, it
works as a GPIO pin of the input and output or
function pin.
Please refer to Table 2-2.
In addition, GPIO1 pin is used in the case of
switching operation modes.
GPIO3
GPIO4
GPIO9
GPIO10
GPIO14
30
29
28
26
24
VDDIO
IN/OUT
Pull-up
Pull-down
Schmitt trigger
Refer to Table 2-2
ADC input and general purpose I/O pin.
During reset, the input will be disable state with
disconnecting the Pull-up/Pull-down resistor.
After the pin configuration by software processing, it
works as a GPIO pin of the input and output or
function pin or general purposeADC channel pin.
Please refer to Table 2-2.
GPIO13
25
VDDIO
IN/OUT
Pull-up
Pull-down
Schmitt trigger
Refer to Table 2-2
General purpose IO pin.
During reset, the input will be disable state with
connecting the Pull-up resistor.
After the pin configuration by software processing, it
works as a GPIO pin of the input and output or
function pin.
Please refer to Table 2-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com