Electronic Components Datasheet Search
  English  ▼

X  

TC3567CFSG Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC3567CFSG
Description  TC3567CFSG-002 Bluetooth® low energy IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC3567CFSG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC3567CFSG Datasheet HTML 5Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 6Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 7Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 8Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 9Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 10Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 11Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 12Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
TC3567CFSG-002
2018-04-06
9
Pin name
Pin No.
Attribute
Condition
Functional description
VDD category
Direction
Type
Default
(during reset)
SWDCLK
32
VDDIO
IN
Pull-up
Pull-down
Schmitt trigger
Pull-down
Serial Wire debugger clock pin.
During the reset, it remains in the input state with
connecting the Pull-down resistor. After the reset is
released, it will be the input of the Serial Wire
Debugger clock.
When not used, this pin should be open.
SWDIO
17
VDDIO
IN/OUT
Pull-up
Pull-down
Schmitt trigger
Pull-up
Serial Wire Debugger data pin and operation
switching pin.
During the reset, it remains in the input state with
connecting the Pull-up resistor. After the reset is
released, it will be the input and output of the Serial
Wire Debugger data.
When not used, this pin should be open.
IC test interface
TMODE
4
VDDIO
IN
Schmitt trigger
—
Test mode setting pins.
This pin is used for IC manufacturing test and need
to be connected to GND when assembled on a
board.
TRTEST1
TRTEST2
9
10
VDD12A
IN/OUT
Analog
—
Analog test pins.
These pins are used for IC manufacturing test and
need to be connected to GND when assembled on
a board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com