Electronic Components Datasheet Search
  English  ▼

X  

TC3567CFSG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC3567CFSG
Description  TC3567CFSG-002 Bluetooth® low energy IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC3567CFSG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC3567CFSG Datasheet HTML 3Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 4Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 5Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 6Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 7Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 8Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 9Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 10Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
TC3567CFSG-002
2018-04-06
7
2.2.
Pin Function Descriptions
Table 2-1 shows attributes, input/output states for operating modes and descriptions for pin functions. Table 2-4 shows descriptions
about power supply pins.
Table 2-1 Pin Functions
Pin name
Pin No.
Attribute
Condition
Functional description
VDD category
Direction
Type
Default
(during reset)
Reset interface
RESETX
3
VDDIO
IN
Schmitt trigger
—
Hardware reset input pin.
Setting this pin to Low level put the system at reset
state.
Clock interface
XOIN
11
VDDCORE
IN
OSC
IN
Reference clock input pin. Please use oscillator with
26 MHz and < 50 ppm accuracy.
Afeedback resistor is built in between XOIN pin and
XOOUT pin and a capacity array which can set
parameters in the crystal oscillation circuit is built-in,
so that external feedback resistances and
capacities are unnecessary.
XOOUT
12
VDDCORE
OUT
OSC
OUT
Oscillator output for Baseband and RF reference
clock (26 MHz) pin.
Afeedback resistor is built in between XOIN pin and
XOOUT pin and a capacity array which can set
parameters in the crystal oscillation circuit is built-in,
so that external feedback resistances and
capacities are unnecessary.
SLPXOIN
21
VDDIO
IN
OSC
IN
Sleep clock input pin from oscillator. Please use an
oscillator with 32.768 kHz and < 500 ppm accuracy.
Afeedback resistor is built in between SLPXOIN pin
and SLPXOOUT pin and a capacity array which
can set parameters in the crystal oscillation circuit is
built-in, so that external feedback resistances and
capacities are unnecessary.
SLPXOOUT
22
VDDIO
IN/OUT
OSC
OUT
Oscillator output (feedback) pin for the oscillation of
32.768 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com