Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 58Page - Infineon Technologies AG TC387 Datasheet HTML 59Page - Infineon Technologies AG TC387 Datasheet HTML 60Page - Infineon Technologies AG TC387 Datasheet HTML 61Page - Infineon Technologies AG TC387 Datasheet HTML 62Page - Infineon Technologies AG TC387 Datasheet HTML 63Page - Infineon Technologies AG TC387 Datasheet HTML 64Page - Infineon Technologies AG TC387 Datasheet HTML 65Page - Infineon Technologies AG TC387 Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions BGA516 Package Variant Pin Configuration
Data Sheet
62
V 1.2, 2021-03
F13
P11.11
I
FAST /
RGMII_In
put / PU1
/ VFLEX /
ES
General-purpose input
GTM_TIM3_IN6_2
Mux input channel 6 of TIM module 3
GTM_TIM3_IN0_14
Mux input channel 0 of TIM module 3
GTM_TIM2_IN6_2
Mux input channel 6 of TIM module 2
GETH_CRSDVA
Carrier Sense / Data Valid combi-signal for RMII
GETH_RXDVA
Receive Data Valid MII
GETH_CRSB
Carrier Sense MII
GETH_RCTLA
Receive Control for RGMII
P11.11
O0
General-purpose output
GTM_TOUT100
O1
GTM muxed output
—O2
Reserved
QSPI0_SLSO4
O3
Master slave select output
QSPI1_SLSO4
O4
Master slave select output
MSC0_EN0
O5
Chip Select
ERAY0_TXENB
O6
Transmit Enable Channel B
CCU60_CC61
O7
T12 PWM channel 61
IOM_MON1_1
Monitor input 1
IOM_REF1_5
Reference input 1
G13
P11.12
I
FAST /
RGMII_In
put / PU1
/ VFLEX /
ES
General-purpose input
GTM_TIM3_IN7_2
Mux input channel 7 of TIM module 3
GTM_TIM2_IN7_2
Mux input channel 7 of TIM module 2
GETH_REFCLKA
Reference Clock input for RMII (50 MHz)
GETH_TXCLKB
Transmit Clock Input for MII
GETH_RXCLKA
Receive Clock MII
P11.12
O0
General-purpose output
GTM_TOUT101
O1
GTM muxed output
ASCLIN1_ATX
O2
Transmit output
IOM_MON2_13
Monitor input 2
IOM_REF2_13
Reference input 2
GTM_CLK2
O3
CGM generated clock
ERAY0_TXDB
O4
Transmit Channel B
CAN03_TXD
O5
CAN transmit output node 3
IOM_MON2_8
Monitor input 2
IOM_REF2_8
Reference input 2
CCU_EXTCLK1
O6
External Clock 1
CCU60_CC60
O7
T12 PWM channel 60
IOM_MON1_2
Monitor input 1
IOM_REF1_6
Reference input 1
Table 2-5
Port 11 Functions (cont’d)
Ball
Symbol
Ctrl.
Buffer
Type
Function
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com