Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 4Page - Infineon Technologies AG TC387 Datasheet HTML 5Page - Infineon Technologies AG TC387 Datasheet HTML 6Page - Infineon Technologies AG TC387 Datasheet HTML 7Page - Infineon Technologies AG TC387 Datasheet HTML 8Page - Infineon Technologies AG TC387 Datasheet HTML 9Page - Infineon Technologies AG TC387 Datasheet HTML 10Page - Infineon Technologies AG TC387 Datasheet HTML 11Page - Infineon Technologies AG TC387 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 416 page
background image
TC38x AD/AE-Step
Summary of Features
Data Sheet
8
V 1.2, 2021-03
– One Generic Timer Module (GTM) providing a powerful set of digital signal filtering and timer functionality
to realize autonomous and complex Input/Output management
– One Capture / Compare 6 module (Two kernels CCU60 and CCU61)
– One General Purpose 12 Timer Unit (GPT120)
– 4 channel Peripheral Sensor Interface conforming to V1.3 (PSI5)
– 1 Peripheral Sensor Interface with Serial PHY (PSI5-S)
– 2 Inter-Integrated Circuit Bus Interface (I2C) conforming to V2.1
– 1 IEEE802.3 Ethernet MAC with RGMII, RMII and MII interfaces (ETH)
•
Versatile Successive Approximation ADC (VADC)
– Cluster of 16 independent ADC kernels
– Input voltage range from 0 V to 5.5V (ADC supply)
•
Delta-Sigma ADC (DSADC)
– 10 channels
•
Digital programmable I/O ports
•
On-chip debug support for OCDS Level 1 (CPUs, DMA, On Chip Buses)
•
multi-core debugging, real time tracing, and calibration
•
four/five wire JTAG (IEEE 1149.1) or DAP (Device Access Port) interface
•
Power Management System and on-chip regulators
•
Clock Generation Unit with System PLL and Peripheral PLL
•
Embedded Voltage Regulator
•
Qualified for automotive application according to AEC-Q100 (only applicable after delivery release of the
corresponding sales codes)
•
ISO 26262 Safety Element out of Context for safety requirements up to ASIL D (only applicable for sales codes
listed within a released Safety Package Release Note from IFX)
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com