Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 7Page - Infineon Technologies AG TC387 Datasheet HTML 8Page - Infineon Technologies AG TC387 Datasheet HTML 9Page - Infineon Technologies AG TC387 Datasheet HTML 10Page - Infineon Technologies AG TC387 Datasheet HTML 11Page - Infineon Technologies AG TC387 Datasheet HTML 12Page - Infineon Technologies AG TC387 Datasheet HTML 13Page - Infineon Technologies AG TC387 Datasheet HTML 14Page - Infineon Technologies AG TC387 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 416 page
background image
TC38x AD/AE-Step
Summary of Features
Data Sheet
11
V 1.2, 2021-03
Security
HSM+
1
Debug
OCDS
yes
MCDS
no
miniMCDS
yes
miniMCDS TRAM
8 KB
AGBT
No
Low Power Features
Standby RAM
2
SCR
yes
Packages
Type
FBGA-516 / LFBGA-292
I/O
Type
5V CMOS / 3.3V CMOS / LVDS
Tambient
Range
−40 … +150°C
1) TBU3 has special purpose as angle clock.
Table 1-1
Platform Feature Overview (cont’d)
Feature
TC38x
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com