Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 8Page - Infineon Technologies AG TC387 Datasheet HTML 9Page - Infineon Technologies AG TC387 Datasheet HTML 10Page - Infineon Technologies AG TC387 Datasheet HTML 11Page - Infineon Technologies AG TC387 Datasheet HTML 12Page - Infineon Technologies AG TC387 Datasheet HTML 13Page - Infineon Technologies AG TC387 Datasheet HTML 14Page - Infineon Technologies AG TC387 Datasheet HTML 15Page - Infineon Technologies AG TC387 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions
Data Sheet
12
V 1.2, 2021-03
2
Pin Definition and Functions
The following figures are showing the Logic Symbols for the package variants:
•
BGA516 (Figure 2-1)
•
BGA292 (Figure 2-2)
Figure 2-1 Logic Symbol for the package variant BGA516
P20.9
P20.14
P15.0
P15.2
P15.4
P15.1
P15.3
P14.0
P15.10
P15.11
P15.12
P15.6
P15.13
P15.7
P15.14
P15.15
P14.4
P15.8
P14.1
P14.3
P14.5
P15.5
P14.11
P14.12
P14.13
P14.7
P14.15
P14.6
P14.9
P14.10
P14.8
P14.2
P13.0
P13.1
P13.2
P13.3
P13.9
P13.4
P13.5
P13.6
P13.7
P13.10
P13.12
P13.13
P13.14
P13.11
P13.15
P14.14
P12.0
P12.1
P11.0
P11.1
P11.2
P11.4
P11.3
P11.6
P11.5
P11.7
P11.9
P11.8
P11.10
P11.11
P11.12
P11.14
P11.13
P11.15
P10.0
P10.3
P10.1
P10.9
P10.11
P10.4
P10.10
P10.15
P10.13
P10.2
P10.14
P10.6
P10.5
P10.8
P10.7
P02.0
P02.2
P02.1
P02.5
P02.3
P02.13
P02.11
P02.12
P02.4
P02.15
P02.14
P02.6
P01.0
P02.7
P01.1
P02.8
P01.2
P02.9
P01.8
P01.9
P01.11
P02.10
P01.10
P00.0
P01.13
P01.4
P01.12
P01.3
P01.15
P01.6
P01.14
P01.5
P00.15
P01.7
P00.13
P00.14
P34.3
P34.2
P34.5
P33.8
P34.4
P32.2
P32.5
P32.4
P32.3
P32.7
P32.6
P31.1
P31.0
P31.3
P31.2
P31.4
P31.5
P31.6
P31.7
P31.8
P31.10
P31.9
P31.12
P31.11
P31.14
P31.13
P31.15
P30.2
P30.0
P30.1
P30.3
P30.5
P30.4
P30.8
P30.6
P30.9
P30.7
P30.10
P30.11
P30.14
P30.15
P30.13
P30.12
P26.0
P25.0
P23.0
P23.1
P23.2
P25.2
P23.3
P25.1
P25.4
P23.5
P23.6
P23.7
P25.3
P22.4
P25.7
P25.5
P25.8
P25.9
P25.10
P22.5
P25.11
P25.12
P23.4
P25.14
P25.13
P25.15
P25.6
P24.1
P24.0
P24.3
P24.2
P24.5
P24.4
P22.7
P24.9
P22.6
P24.8
P22.8
P22.2
P22.3
P22.0
P22.1
P24.6
P24.7
P24.11
P24.10
P24.13
P22.11
P24.12
P22.10
P24.15
P22.9
P24.14
P21.0
P21.1
P21.2
P21.3
P21.4
P21.5
P20.0
P20.2
P20.3
P21.7 /
TDO
P20.1
P20.8
P20.7
P20.11
P21.6 /
TDI
P20.10
P20.13
P20.12
P20.6
VFLEX
VDDM
VDDM
VDDM
VDDP3
VDDP3
VDDP3
VDDP3
VSSM
VSSM
VSSM
P32.0 /
VGATE
1N
VAREF
1
VAGND
1
VAREF
2
VAGND
2
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC1
NC1
NC1
NC1
NC1
NC1
NC1
VEVRS
B
P32.1 /
VGATE
1P
VAREF
3
VAGND
3
P33.0
P33.1
P33.2
P33.3
P33.4
P33.5
P33.6
P33.7
P34.1
P33.9
P33.10
P33.11
P33.12
P33.13
P33.14
P33.15
ESR1
ESR0
TRST
TCK
TMS
PORST
P00.1
P00.2
P00.3
P00.4
P00.5
P00.6
P00.7
P00.8
P00.9
P00.10
P00.11
P00.12
AN47
AN46
AN45
AN44
AN43
AN42
AN41
AN40
AN39 /
P40.9
AN38 /
P40.8
AN37 /
P40.7
AN36 /
P40.6
AN35
AN34
AN33 /
P40.5
AN32 /
P40.4
AN71 /
P41.3
AN70 /
P41.2
AN69 /
P41.1
AN68 /
P41.0
AN67 /
P40.15
AN66
AN65
AN64 /
P41.8
AN63 /
P41.7
AN62 /
P41.6
AN61
AN60
AN59
AN58
AN57
AN56
AN55 /
P41.5
AN54 /
P41.4
AN53
AN52
AN51
AN50
AN49
AN48
AN31
AN30
AN29 /
P40.14
AN28 /
P40.13
AN27 /
P40.3
AN26 /
P40.2
AN25 /
P40.1
AN24 /
P40.0
AN23
AN22
AN21
AN20
AN19 /
P40.12
AN18 /
P40.11
AN17 /
P40.10
AN16
AN15
AN14
AN13
AN12
AN11
AN10
AN9
AN8
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
XTAL1
XTAL2
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VEXT
VEXT
VEXT
VEXT
VEXT
VEXT
VEXT
VEXT
VEXT
VEXT
VEXT
VEXT
VEXT
VEXT
VEXT
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
VEXT
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
J
J
K
K
L
L
M
M
N
N
P
P
R
R
T
T
U
U
V
V
W
W
Y
Y
AA
AA
AB
AB
AC
AC
AD
AD
AE
AE
AF
AF
AG
AG
AH
AH
AJ
AJ
AK
AK
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
20
21
21
22
22
23
23
24
24
25
25
26
26
27
27
28
28
29
29
30
30
TC38xpd - (top view)
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com