Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 5Page - Infineon Technologies AG TC387 Datasheet HTML 6Page - Infineon Technologies AG TC387 Datasheet HTML 7Page - Infineon Technologies AG TC387 Datasheet HTML 8Page - Infineon Technologies AG TC387 Datasheet HTML 9Page - Infineon Technologies AG TC387 Datasheet HTML 10Page - Infineon Technologies AG TC387 Datasheet HTML 11Page - Infineon Technologies AG TC387 Datasheet HTML 12Page - Infineon Technologies AG TC387 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 416 page
background image
TC38x AD/AE-Step
Summary of Features
Data Sheet
9
V 1.2, 2021-03
Ordering Information
The ordering code for Infineon microcontrollers provides an exact reference to the required product. This ordering
code identifies:
•
The derivative itself, i.e. its function set, the temperature range, and the supply voltage
•
The package and the type of delivery.
Table 1-1
Platform Feature Overview
Feature
TC38x
CPUs
Type
TC1.6.2
Cores / Checker Cores
4 / 2
Max. Freq.
300 MHz
Cache per CPU
Program
32 KB
Data
16 KB
SRAM per CPU
PSPR
64 KB
DSPR
240 KB for CPU0,1 / 96 KB else
DLMU
64 KB
SRAM global
LMU
128 KB
DAM
64 KB
Extension Memory
TCM
- MB
XCM
-MB
XTM
-KB
Program Flash
Size
10 MB
Banks
3 x 3 MB, 1 x 1 MB
Data Flash
Size (single-ended)
512 KB (DF0) + 128 KB (DF1)
DMA
Channels
128
CONVCTRL
Modules
1
EVADC
Primary Groups/Channels
8 / 64
Secondary Groups/Channels
4 / 64
Fast Compare Channels
4
EDSADC
Channels
10
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com