Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 157 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 157 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 153Page - Infineon Technologies AG TC387 Datasheet HTML 154Page - Infineon Technologies AG TC387 Datasheet HTML 155Page - Infineon Technologies AG TC387 Datasheet HTML 156Page - Infineon Technologies AG TC387 Datasheet HTML 157Page - Infineon Technologies AG TC387 Datasheet HTML 158Page - Infineon Technologies AG TC387 Datasheet HTML 159Page - Infineon Technologies AG TC387 Datasheet HTML 160Page - Infineon Technologies AG TC387 Datasheet HTML 161Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions BGA516 Package Variant Pin Configuration
Data Sheet
157
V 1.2, 2021-03
R21
TMS
I
FAST /
PD2 /
VEXT
JTAG Module State Machine Control Input
DAP1
I/O
DAP: DAP1 Data I/O
M22
PORST
I/O
PORST /
PD /
VEXT
PORST pin
Power On Reset Input. Additional strong PD in case of
power fail.
Table 2-24 Supply
Ball
Symbol
Ctrl.
Buffer
Type
Function
N19, V19,
M18, W18,
W13, V12,
J21, K20,
N12, M13
VDD
I
—
Digital Core Power Supply (1.25V)
AJ30, AH29,
AD25, AC24,
G8, F7, B3,
A2, J29, J30,
AH30, AK29,
AK20, AJ11,
AK11
VEXT
I
—
External Power Supply (5V / 3.3V)
J10
VFLEX
I
—
Digital Power Supply for Flex Port Pads (5V / 3.3V)
AE10, AJ9,
AK9
VDDM
I
—
ADC Analog Power Supply (5V / 3.3V)
A29, B28,
F24, G23
VDDP3
I
—
Flash Power Supply (3.3V)
AK30, AJ29,
AE25, AD24,
AB22, AA21,
K10, J9, G7,
B2, A30,
B30, B29,
F25, G24,
J22, K21,
H30, H29,
AJ10, AK10
VSS
I
—
Digital Ground
AE9, AJ8,
AK8
VSSM
I
—
Analog Ground for VDDM
Table 2-23 System I/O (cont’d)
Ball
Symbol
Ctrl.
Buffer
Type
Function
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com