Electronic Components Datasheet Search
  English  ▼

X  

TLE8458 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE8458
Description  LIN Transceiver with integrated Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8458 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE8458 Datasheet HTML 23Page - Infineon Technologies AG TLE8458 Datasheet HTML 24Page - Infineon Technologies AG TLE8458 Datasheet HTML 25Page - Infineon Technologies AG TLE8458 Datasheet HTML 26Page - Infineon Technologies AG TLE8458 Datasheet HTML 27Page - Infineon Technologies AG TLE8458 Datasheet HTML 28Page - Infineon Technologies AG TLE8458 Datasheet HTML 29Page - Infineon Technologies AG TLE8458 Datasheet HTML 30Page - Infineon Technologies AG TLE8458 Datasheet HTML 31Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
TLE8458
Application Information
Data Sheet
28
Rev. 1.1, 2014-04-01
8.1
ESD Tests
Test for ESD robustness according to IEC61000-4-2 “Gun test” (150 pF, 330
Ω) have been performed. The results
and test conditions are available in a separate test report (see Table 13).
8.1.1
EMC Measurement
The EMC performance has been qualified by an external test house according to the LIN EMC Test specification
Version 1.0 (August 1, 2004). For the DPI measurements according to the LIN EMC Test Specification, Section
4.2 (ISO62132 part 1: 2006, ISO62132 part 4: 2006) the verification limit for the output voltage
V
CC, was set to a
limit of +/- 100 mV. External test reports are available on request.
8.2
Pin Compatibility to Stand-Alone LIN transceivers
The TLE8458G is pin - and function compatible to the single LIN transceivers like the TLE7259-3GE (see
Figure 16). Instead of the INH output pin on the single LIN transceiver TLE7259-3GE the
V
CC power supply output
can be connected to the external microcontroller. The TLE8458G provides the same operation modes and
features as single LIN transceiver TLE7259-3GE.
Figure 16
Pinning of TLE8458G versus the TLE7259-3GE
Table 13
ESD “Gun test”
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Performed Test
ESD at
V
S, LIN versus GND
V
ESD,GUN -10
–
10
kV
GUN1)
1) ESD susceptibility “ESD GUN” according LIN EMC Test Specification, Section 3.4.3 (IEC 61000-4-2:2001-12),
tested by external test house (IBEE Zwickau, EMC Test report Nr. 05-12-13a)
P_8.1.1
ESD at WK PIN
V
ESD,GUN -6
–
6
kV
GUN1)
P_8.1.1
RxD
1
2
3
45
6
7
8
EN
WK
TxD
VS
LIN
GND
VCC
RxD
1
2
3
45
6
7
8
EN
WK
TxD
VS
LIN
GND
INH
TLE8458G
TLE7259-3GE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com