Electronic Components Datasheet Search
  English  ▼

X  

TLE8458 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE8458
Description  LIN Transceiver with integrated Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8458 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE8458 Datasheet HTML 3Page - Infineon Technologies AG TLE8458 Datasheet HTML 4Page - Infineon Technologies AG TLE8458 Datasheet HTML 5Page - Infineon Technologies AG TLE8458 Datasheet HTML 6Page - Infineon Technologies AG TLE8458 Datasheet HTML 7Page - Infineon Technologies AG TLE8458 Datasheet HTML 8Page - Infineon Technologies AG TLE8458 Datasheet HTML 9Page - Infineon Technologies AG TLE8458 Datasheet HTML 10Page - Infineon Technologies AG TLE8458 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TLE8458
General Product Characteristics
Data Sheet
7
Rev. 1.1, 2014-04-01
4.2
Functional Range
Note: Within the functional range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Characteristics
Table 3
Functional Range
Parameter
Symbol
Values
Unit
Note / Test Condition Number
Min.
Typ.
Max.
Extended Supply Range
V
S(EXT)
5.5
–
40
V
Parameter deviations
possible
P_4.2.1
Supply Voltage for Normal
Operation
V
S(Nor)
7
–
27
V
LIN 2.1 Param. 11
P_4.2.3
Junction Temperature
T
j
-40
–
150
°C
–
P_4.2.2
Table 4
Thermal Resistance
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Thermal Resistance
Junction to Case
PG-DSO-8-16
R
thJC,G
–55
–
K/W
1)
1) Not subject to production test. Simulated thermal resistance
P_4.3.1
Junction to Ambient
PG-DSO-8-16
R
thJA,G
–120
–K/W
1), 2)
2) The
R
thJA values are according to Jedec JESD51-2,-7 at natural convection on 2s2p board for 1 W.
Package was simulated on a 76.2 × 114.3 × 1.5 mm³ board with 2 inner copper layers (70 µm thick).
P_4.3.2
Thermal Shutdown Junction Temperature
V
CC Shutdown Temperature
T
SD,Vcc
150
–
200
°C
3)
3) Not subject to production test, specified by design.
P_4.3.5
V
CC Thermal Shutdown Hysteresis
∆
T
SD,Vcc
–35
–
K
3)
P_4.3.6
LIN Shutdown Temperature
T
SD,LIN
150
–
200
°C
3)
P_4.3.7
LIN Thermal Shutdown Hysteresis
∆
T
SD,LIN
–10
–
K
3)
P_4.3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com