Electronic Components Datasheet Search
  English  ▼

X  

TLE8458 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE8458
Description  LIN Transceiver with integrated Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8458 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE8458 Datasheet HTML 1Page - Infineon Technologies AG TLE8458 Datasheet HTML 2Page - Infineon Technologies AG TLE8458 Datasheet HTML 3Page - Infineon Technologies AG TLE8458 Datasheet HTML 4Page - Infineon Technologies AG TLE8458 Datasheet HTML 5Page - Infineon Technologies AG TLE8458 Datasheet HTML 6Page - Infineon Technologies AG TLE8458 Datasheet HTML 7Page - Infineon Technologies AG TLE8458 Datasheet HTML 8Page - Infineon Technologies AG TLE8458 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Type
Package
Marking
Note
TLE8458G
PG-DSO-8-16
8458G
V
CC = 5 V
TLE8458GV33
PG-DSO-8-16
8458GV3
V
CC = 3.3 V
PG-DSO-8-16
Data Sheet
3
Rev. 1.1, 2014-04-01
LIN Transceiver with integrated Voltage Regulator
LIN-LDO
TLE8458
1Overview
Features
•
LIN Transceiver compliant to LIN 2.1
•
5 V or 3.3 V Low Drop Voltage Regulator
•
50 mA output current capability
•
Normal, Stop, and Sleep modes
•
Wake-up via bus from Sleep Mode
•
Wake-up from Local WK pin
•
Very low quiescent current in Stop Mode
•
Very low quiescent current in Sleep Mode
•
Very high ESD Robustness
± 10 kV according IEC61000-4-2
•
Bus short to ground and
V
Bat protection
•
Software Flash mode
•
Over-Temperature protection
•
Pin- and function compatible to single LIN Transceivers, like TLE7259-3GE
•
Green (RoHS compliant) product
•
AEC Qualified
Description
The TLE8458G and TLE8458GV33 integrate a low drop voltage regulator and a LIN transceiver on one monolithic
circuit. The device is suitable to supply microcontrollers and driving a LIN bus at the same time. The TLE8458 is
pin compatible to stand-alone LIN transceivers like the TLE7259-3GE. The combination of a voltage regulator and
a LIN transceiver on one circuit decreases the quiescent current for a typical application to a value of 8
μA, while
the TLE8458 is still able to wake-up off a LIN bus signal or a signal change on the local wake-up input WK.
Compliant to all LIN standards and with a wide operational supply range, the TLE8458 can be used in all
automotive applications.
Based on the Infineon Smart Power Technology SPT®, the TLE8458 provides excellent ESD robustness together
with a very high electro-magnetic immunity (EMI). The TLE8458 reaches a very low level of electro-magnetic
emission (EME) within a broad frequency range. The TLE8458 family and the Infineon SPT® technology are AEC
qualified and tailored to withstand the harsh conditions in the automotive environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com