Electronic Components Datasheet Search
  English  ▼

X  

TLE8458 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE8458
Description  LIN Transceiver with integrated Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8458 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE8458 Datasheet HTML 1Page - Infineon Technologies AG TLE8458 Datasheet HTML 2Page - Infineon Technologies AG TLE8458 Datasheet HTML 3Page - Infineon Technologies AG TLE8458 Datasheet HTML 4Page - Infineon Technologies AG TLE8458 Datasheet HTML 5Page - Infineon Technologies AG TLE8458 Datasheet HTML 6Page - Infineon Technologies AG TLE8458 Datasheet HTML 7Page - Infineon Technologies AG TLE8458 Datasheet HTML 8Page - Infineon Technologies AG TLE8458 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TLE8458
Pin Configuration
Data Sheet
5
Rev. 1.1, 2014-04-01
3
Pin Configuration
3.1
Pin Assignments
Figure 2
Pin Configuration
3.2
Pin Definitions and Functions
Table 1
Pin Definition
Pin
Symbol
Function
1RxD
Receive Data Output;
Low in dominant state, active low after a Wake-up event on BUS or WK pin.
2EN
Enable Input;
Integrated pull-down resistor, device set to normal operation mode when HIGH.
3WK
Wake-up Input;
Active LOW, negative edge triggered, internal pull-up.
4TxD
Transmit Data Input;
Integrated pull-down resistor, LOW in dominant state. Active LOW after Wake-up
via WK pin.
5GND
Ground
6LIN
Bus Output / Input;
LIN bus input / Output,
LOW in dominant state,
Internal termination and pull-up current source.
7
V
S
Battery Supply Input
8
V
CC
Output Voltage;
Decouple to GND with a capacitor
C
Vcc ≥ 470 nF, ESR < 6 Ω at 10 kHz,
Active during Normal Mode, disabled in Sleep Mode.
RxD
1
2
3
45
6
7
8
EN
WK
TxD
VS
LIN
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com