Electronic Components Datasheet Search
  English  ▼

X  

TLE8458 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE8458
Description  LIN Transceiver with integrated Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8458 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE8458 Datasheet HTML 8Page - Infineon Technologies AG TLE8458 Datasheet HTML 9Page - Infineon Technologies AG TLE8458 Datasheet HTML 10Page - Infineon Technologies AG TLE8458 Datasheet HTML 11Page - Infineon Technologies AG TLE8458 Datasheet HTML 12Page - Infineon Technologies AG TLE8458 Datasheet HTML 13Page - Infineon Technologies AG TLE8458 Datasheet HTML 14Page - Infineon Technologies AG TLE8458 Datasheet HTML 15Page - Infineon Technologies AG TLE8458 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
TLE8458
Mode Control
Data Sheet
12
Rev. 1.1, 2014-04-01
In order to avoid any bus disturbance during a mode change, the output stage of the TLE8458 is disabled and set
to recessive state during the mode change procedure. To release the TLE8458 for data communication on the LIN
bus, the TxD pin needs to be set to HIGH for the time
t
torec after the operation mode change.
5.2.2.1
Normal Slope Mode
In Normal Slope Mode the maximum data transmission rate of the LIN transceiver is limited by the slope control
mechanism of LIN output signal. The limitation of the slew rate of the LIN output signal results in an optimized
radiated emission fulfilling automotive EMC requirements.
The data transmission rate of the TLE8458G and the TLE8458GV33 is limited to 20 kBaud in Normal Operation
Mode and the devices are compliant to the specification LIN2.1.
5.2.2.2
Software Flash Mode
Software Flash Mode is a Normal Operation Mode and it is possible to transmit data to the LIN bus and receive
data from the LIN bus. The slope control mechanism of the LIN transmitter output stage is disabled and therefore
it is possible to reach higher data transmission rates, disregarding the EMC limitation of the LIN network. The
Software Flash Mode can be used for programming the external microcontroller via the LIN bus, got example
during the production flow of the ECU.
The Software Flash Mode can only be entered from Normal Slope Mode (see Figure 3). By setting the EN pin to
low for the time
t
fl1 and by generating a falling and a rising edge at the TxD pin with the time tfl2 and tfl3 during the
low phase of the EN pin, the TLE8458 changes to the Software Flash Mode (see Figure 5). Vice versa, the
TLE8458 changes from Software Flash Mode to Normal Slope Mode by applying the same sequence to the EN
pin and the TxD pin.
In any case, regardless if the device is in Normal Slope Mode or in Software Flash Mode, a LOW signal on the EN
pin changes the operation mode to Sleep Mode or Stop Mode. The slope control mechanism will be activated,
when the device changes to the Normal Operation Mode again.
Figure 5
Software Flash Mode
TO20070515.vsd
Normal
Mode
TxD
EN
t
fl3
t
fl1
Software
Flash Mode
t
fl2
t
fl3
t
fl3
t
fl1
t
fl2
t
fl3
Normal
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com