Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5032
Description  High Voltage Dual Interleaved Current Mode Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5032 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5032 Datasheet HTML 1Page - National Semiconductor (TI) LM5032 Datasheet HTML 2Page - National Semiconductor (TI) LM5032 Datasheet HTML 3Page - National Semiconductor (TI) LM5032 Datasheet HTML 4Page - National Semiconductor (TI) LM5032 Datasheet HTML 5Page - National Semiconductor (TI) LM5032 Datasheet HTML 6Page - National Semiconductor (TI) LM5032 Datasheet HTML 7Page - National Semiconductor (TI) LM5032 Datasheet HTML 8Page - National Semiconductor (TI) LM5032 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Pin Description (Continued)
PIN
NAME
DESCRIPTION
APPLICATIONS INFORMATION
8
GND1
Ground, Controller 1
Ground connection for Controller 1 including gate driver, PWM
controller, soft-start and support functions.
9
GND2
Ground, Controller 2
Ground connection for Controller 2 including the gate driver, PWM
controller and soft-start.
10
OUT2
Main Gate Driver, Controller 2
Gate driver output to the primary side switch for Controller 2. OUT2
swings between VCC and GND2 at a frequency equal to half the
oscillator frequency.
11
RES
Hiccup mode restart adjust
An external capacitor sets the time delay before forced restart during a
sustained period of cycle-by-cycle current limiting. The hiccup mode
comparator threshold is 2.55V.
12
SS2
Soft-start, Controller 2
An internal 50 µA current source charges an external capacitor to set
the soft-start rate. During a current limit restart sequence, the internal
current source is reduced to 1µA to increase the delay before retry.
Forcing SS2 below 0.5V shuts off Controller 2.
13
CS2
Current Sense Input, Controller 2
Input for current mode control and the current limit sensing. If the CS2
pin exceeds 0.5V the OUT2 pulse is terminated producing
cycle-by-cycle current limiting. External resistance connected to CS2
will adjust (increase) PWM slope compensation. This pin’s voltage
must not exceed 1.25V.
14
COMP2
PWM Control, Controller 2
The COMP2 input provides voltage feedback to the PWM comparator
inverting input of Controller 2 through a 3:1 divider. The OUT2 duty
cycle increases as the COMP2 voltage increases. An internal 5k
Ω
pull-up resistor to +5.0V provides bias current to the opto-coupler
transistor.
15
DCL
Duty Cycle Limit
An external resistor sets the maximum allowed duty cycle at OUT1
and OUT2.
16
RT/SYNC Oscillator Adjust and
Synchronizing input
An external resistor sets the oscillator frequency. This pin also accepts
ac-coupled synchronization pulses from an external source.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com