Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5032
Description  High Voltage Dual Interleaved Current Mode Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5032 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5032 Datasheet HTML 7Page - National Semiconductor (TI) LM5032 Datasheet HTML 8Page - National Semiconductor (TI) LM5032 Datasheet HTML 9Page - National Semiconductor (TI) LM5032 Datasheet HTML 10Page - National Semiconductor (TI) LM5032 Datasheet HTML 11Page - National Semiconductor (TI) LM5032 Datasheet HTML 12Page - National Semiconductor (TI) LM5032 Datasheet HTML 13Page - National Semiconductor (TI) LM5032 Datasheet HTML 14Page - National Semiconductor (TI) LM5032 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Functional Description
The LM5032 contains all the features necessary to imple-
ment two independently regulated current mode dc/dc con-
verters, or a single high current converter comprised of two
parallel interleaved channels using the Forward converter
topology. The two controllers operate 180˚ out of phase from
a common oscillator, thereby reducing input ripple current.
Each regulator channel contains a complete PWM controller,
current sense input, soft-start circuit, and gate driver output.
Common to both channels are the startup and V
CC regulator,
line under-voltage lockout, 2 MHz capable oscillator, maxi-
mum duty cycle control, and the hiccup mode fault protection
circuit.
The gate driver outputs (OUT1, OUT2) are designed to drive
N-channel MOSFETs. Their compound configuration re-
duces the turn-off-time, thereby reducing switching losses.
Additional features include thermal shutdown, slope com-
pensation, and the oscillator synchronization capability.
Line Under-Voltage Lock Out,
UVLO, Shutdown
The LM5032 contains a line under-voltage lockout circuit
(UVLO) designed to enable the V
CC regulator and output
drivers when the system voltage (V
PWR) exceeds the de-
sired level (see Figure 15). V
PWR is the voltage normally
applied to the transformer primary, and usually connected to
the VIN pin (see the schematic on Page 1). The threshold at
the UVLO comparator is 1.25V. An external resistor divider
connected from V
PWR to ground provides 1.25V at the UVLO
pin when V
PWR is increased to the desired turn-on threshold.
When V
PWR is below the threshold the VCC regulator and
output drivers are disabled, and the internal 20 µA current
source is off. When V
PWR reaches the threshold, the com-
parator output switches low to enable the internal circuits
and the 20 µA current source. The 20 µA flows into the
external divider’s junction, raising the voltage at UVLO,
thereby providing hysteresis. Internally the voltage at UVLO
also drives the Maximum Duty Cycle Limiter circuit (de-
scribed below), which may influence the values chosen for
the UVLO pin resistors. At maximum V
PWR, the voltage at
UVLO should not exceed 6V. Refer to the Applications Infor-
mation section for a procedure to calculate the resistors
values.
The LM5032 controller can be shutdown by forcing the
UVLO pin below 1.25V with an external switch. When the
UVLO pin is low, the outputs and the V
CC regulator are
disabled, and the LM5032 enters a low power mode. If VCC
pin is not powered from an external source, the current into
VIN drops to a nominal 500 µA. If the VCC pin is powered
from an external source, the current into VIN is nominally 50
µA, and the current into the VCC pin is approximately 4.3
mA. To disable one regulator without affecting the other, see
the description of the Soft-start section.
Startup Regulator, VIN, VCC
The high voltage startup regulator is integral to the LM5032.
The input pin VIN can be connected directly to a voltage
between 13V and 100V, with transient capability to 105V.
The startup regulator provides bias voltages to the series
pass V
CC regulator and the UVLO circuit. The VCC regulator
is disabled until the voltage at the UVLO pin (described
above) exceeds 1.25V. For applications where V
PWR ex-
ceeds 100V the internal startup regulator can be powered
from an external startup regulator or other available low
voltage source. See the Applications Information section for
details.
The V
CC under-voltage threshold circuit (UVT) monitors the
VCC regulator output. When the series pass regulator is
enabled and the internal V
CC voltage increases to > 7.6V,
the UVT comparator activates the PWM controller and out-
put drivers via the Drivers Off signal. The UVT comparator
has built-in hysteresis, with the lower threshold nominally set
to 6.2V. See Figure 2 and Figure 15.
When enabled, the V
CC regulated output is 7.7V ±4% with
current limited to a minimum of 19 mA (typically 22 mA). The
regulator’s output impedance is ) 6
Ω.
The VCC pin requires a capacitor to ground for stability, as
well as to provide the surge currents to the external MOS-
FETs via the gate driver outputs. The capacitor should be
physically close to the VCC and GND pins.
In most applications it is necessary to power V
CC from an
external source as the average current required at the output
drivers may exceed the current capability of the internal
regulator and/or the thermal capability of the LM5032 pack-
age (see Figure 5). Normally the external source is derived
from the converter’s power stage once the LM5032 outputs
are active. Refer to the Applications Information section for
more information.
Drivers Off, V
CC Disable
Referring to Figure 15, Drivers Off and V
CC Disable are
internal signals which, when active disable portions of the
LM5032. If the UVLO pin is below 1.25V, or if the thermal
shutdown activates, the V
CC Disable line switches high to
disable the V
CC regulator. UVLO also activates the Drivers
Off signal to disable the output drivers, connect the SS1,
SS2, COMP1, COMP2 and RES pins to ground, and enable
the 50 µA Soft-start current sources.
If the V
CC voltage falls below the under-voltage threshold of
6.2V , the UVT comparator activates only the Drivers Off
signal. The output drivers are disabled but the V
CC regulator
is not disabled. Additionally, the CS1, CS2, SS1, SS2,
COMP1, COMP2 and RES pins are internally grounded, and
the 50 µA Soft-start current sources are enabled.
Oscillator
The oscillator frequency is set with an external resistor R
T
connected between the RT/SYNC and GND1 pins. The re-
sistor value is calculated from:
(1)
where F
S is the desired oscillator frequency in kHz (maxi-
mum of 2 MHz), and R
T is in k
Ω. See Figure 8. The two gate
driver outputs (OUT1 and OUT2) switch at half the oscillator
frequency and 180˚ out of phase with each other. The volt-
20135020
FIGURE 15. Drivers Off and V
CC Disable
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com